Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL5021P Datasheet(PDF) 6 Page - AUK corp

Part # SL5021P
Description  UNIVERSAL SPEECH NETWORK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5021P Datasheet(HTML) 6 Page - AUK corp

  SL5021P Datasheet HTML 1Page - AUK corp SL5021P Datasheet HTML 2Page - AUK corp SL5021P Datasheet HTML 3Page - AUK corp SL5021P Datasheet HTML 4Page - AUK corp SL5021P Datasheet HTML 5Page - AUK corp SL5021P Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
KSI-W010-000
6
Typical Performance Characteristics
10
140
130
120
110
10
90
80
70
60
50
40
30
20
54
52
50
48
46
44
42
40
LINE CURRENT ( mA )
TRANSMIT GAIN VS LINE CURRENT
R6 = OPEN
R6 = 140K
R6 = 110K
R6 = 78K
10
140
130
120
110
10
90
80
70
60
50
40
30
20
34
32
30
28
26
24
22
20
LINE CURRENT ( mA )
RECEIVE GAIN VS LINE CURRENT
R6 = OPEN
R6 = 140K
R6 = 110K
R6 = 78K
10
140
130
120
110
10
90
80
70
60
50
40
30
20
7
6
5
4
3
2
1
0
LINE CURRENT ( mA )
V LN. Vcc VS LINE CURRENT
V LN
Vcc
SL5021/P


Similar Part No. - SL5021P

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL5020 AUK-SL5020 Datasheet
93Kb / 8P
   LOW VOLTAGE COMPANDER
SL5020 AUK-SL5020 Datasheet
299Kb / 9P
   LOW VOLTAGE COMPANDER
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
SL5020-SOP TGS-SL5020-SOP Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
SL5020N-DIP TGS-SL5020N-DIP Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
More results

Similar Description - SL5021P

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA8603 SAMSUNG-KA8603 Datasheet
67Kb / 5P
   UNIVERSAL SPEECH NETWORK
logo
Daewoo Semiconductor
DBL5016 DAEWOO-DBL5016 Datasheet
391Kb / 7P
   UNIVERSAL SPEECH NETWORK
DBL5022 DAEWOO-DBL5022 Datasheet
298Kb / 6P
   UNIVERSAL SPEECH NETWORK
logo
AUK corp
SL5022P AUK-SL5022P Datasheet
75Kb / 6P
   UNIVERSAL SPEECH NETWORK
logo
Daewoo Semiconductor
DBL5021 DAEWOO-DBL5021 Datasheet
243Kb / 5P
   UNIVERSAL SPEECH NETWORK
logo
Samsung semiconductor
S1T8603 SAMSUNG-S1T8603 Datasheet
57Kb / 6P
   UNIVERSAL SPEECH NETWORK
logo
Hynix Semiconductor
GL6962 HYNIX-GL6962 Datasheet
108Kb / 12P
   Low Voltage Universal Speech Network
logo
Rohm
BA6566 ROHM-BA6566 Datasheet
154Kb / 9P
   Speech network
logo
Panasonic Semiconductor
AN6150 PANASONIC-AN6150 Datasheet
51Kb / 5P
   Speech Network Circuit
AN6152 PANASONIC-AN6152 Datasheet
30Kb / 3P
   Speech Network Circuit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com