Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB40N10ET4 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MTB40N10ET4
Description  N?묬hannel Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTB40N10ET4 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MTB40N10ET4 Datasheet HTML 2Page - ON Semiconductor MTB40N10ET4 Datasheet HTML 3Page - ON Semiconductor MTB40N10ET4 Datasheet HTML 4Page - ON Semiconductor MTB40N10ET4 Datasheet HTML 5Page - ON Semiconductor MTB40N10ET4 Datasheet HTML 6Page - ON Semiconductor MTB40N10ET4 Datasheet HTML 7Page - ON Semiconductor MTB40N10ET4 Datasheet HTML 8Page - ON Semiconductor MTB40N10ET4 Datasheet HTML 9Page - ON Semiconductor MTB40N10ET4 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MTB40N10E
http://onsemi.com
6
SAFE OPERATING AREA
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
Figure 13. Thermal Response
Figure 14. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
0
0.5
1
1.5
2.0
2.5
3
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
Figure 15. D2PAK Power Derating Curve
RθJA = 50°C/W
Board material = 0.065 mil FR−4
Mounted on the minimum recommended footprint
Collector/Drain Pad Size ≈ 450 mils x 350 mils
100 ms
TJ, STARTING JUNCTION TEMPERATURE (°C)
0.1
1.0
1000
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
25
50
75
100
125
10
VGS = 20 V
SINGLE PULSE
TC = 25°C
ID = 40 A
100
150
t, TIME (seconds)
RθJC(t) = r(t) RθJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RθJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
1000
1.0
0
800
600
500
400
700
100
10
300
200
100
0.01
0.1
1.0
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01
1.0E+00
1.0E+01
1.0 ms
10 ms
dc
10 ms
D = 0.5
0.2
0.1
SINGLE PULSE
0.05
0.02
0.0


Similar Part No. - MTB40N10ET4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB40N10E MOTOROLA-MTB40N10E Datasheet
192Kb / 10P
   TMOS POWER FET 40 AMPERES 100 VOLTS
More results

Similar Description - MTB40N10ET4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF3442VT1 ONSEMI-MGSF3442VT1 Datasheet
175Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTW24N40E ONSEMI-MTW24N40E Datasheet
173Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2000 ??Rev. XXX
MMDF5N02Z ONSEMI-MMDF5N02Z Datasheet
127Kb / 12P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTW16N40E ONSEMI-MTW16N40E Datasheet
123Kb / 8P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTSF3N02HD ONSEMI-MTSF3N02HD Datasheet
304Kb / 12P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
NTP15N40 ONSEMI-NTP15N40 Datasheet
148Kb / 4P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTB36N06V ONSEMI-MTB36N06V Datasheet
263Kb / 10P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
NTP22N06L ONSEMI-NTP22N06L Datasheet
200Kb / 7P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
logo
Dongguan Pingjingsemi T...
PJM1514NDJ PJSEMI-PJM1514NDJ Datasheet
892Kb / 5P
   N?묬hannel Power MOSFET
PJM1516NDJ PJSEMI-PJM1516NDJ Datasheet
984Kb / 5P
   N?묬hannel Power MOSFET
logo
ON Semiconductor
MMDF7N02Z ONSEMI-MMDF7N02Z Datasheet
256Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com