Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB50N06VL Datasheet(PDF) 1 Page - ON Semiconductor

Part # MTB50N06VL
Description  N?묬hannel Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTB50N06VL Datasheet(HTML) 1 Page - ON Semiconductor

  MTB50N06VL Datasheet HTML 1Page - ON Semiconductor MTB50N06VL Datasheet HTML 2Page - ON Semiconductor MTB50N06VL Datasheet HTML 3Page - ON Semiconductor MTB50N06VL Datasheet HTML 4Page - ON Semiconductor MTB50N06VL Datasheet HTML 5Page - ON Semiconductor MTB50N06VL Datasheet HTML 6Page - ON Semiconductor MTB50N06VL Datasheet HTML 7Page - ON Semiconductor MTB50N06VL Datasheet HTML 8Page - ON Semiconductor MTB50N06VL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 4
1
Publication Order Number:
MTB50N06VL/D
MTB50N06VL
Preferred Device
Power MOSFET
42 Amps, 60 Volts, Logic Level
N−Channel D2PAK
This Power MOSFET is designed to withstand high energy in the
avalanche and commutation modes. Designed for low voltage, high
speed switching applications in power supplies, converters and power
motor controls, these devices are particularly well suited for bridge
circuits where diode speed and commutating safe operating areas are
critical and offer additional safety margin against unexpected voltage
transients.
Avalanche Energy Specified
IDSS and VDS(on) Specified at Elevated Temperature
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MΩ)
VDGR
60
Vdc
Gate−to−Source Voltage
− Continuous
− Non−Repetitive (tp ≤ 10 ms)
VGS
VGSM
± 15
± 20
Vdc
Vpk
Drain Current − Continuous @ 25°C
Drain Current − Continuous @ 100°C
Drain Current − Single Pulse (tp ≤ 10 μs)
ID
ID
IDM
42
30
147
Adc
Apk
Total Power Dissipation @ 25°C
Derate above 25°C
Total Power Dissipation @ TA = 25°C
(Note 1.)
PD
125
0.83
3.0
Watts
W/°C
Watts
Operating and Storage Temperature
Range
TJ, Tstg
− 55 to
175
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 5 Vdc, Peak
IL = 42 Apk, L = 0.3 mH, RG = 25 Ω)
EAS
265
mJ
Thermal Resistance
− Junction to Case
− Junction to Ambient
− Junction to Ambient (Note 1.)
RθJC
RθJA
RθJA
1.2
62.5
50
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8″ from Case for 10
seconds
TL
260
°C
1. When surface mounted to an FR4 board using the minimum recommended
pad size.
MARKING DIAGRAM
& PIN ASSIGNMENT
T50N06VL
YWW
1
Gate
4
Drain
2
Drain
3
Source
42 AMPERES
60 VOLTS
RDS(on) = 32 mΩ
Device
Package
Shipping
ORDERING INFORMATION
MTB50N06VL
D2PAK
50 Units/Rail
D2PAK
CASE 418B
STYLE 2
1
2
3
4
http://onsemi.com
N−Channel
D
S
G
T50N06VL = Device Code
Y
= Year
WW
= Work Week
MTB50N06VLT4
D2PAK
800/Tape & Reel
Preferred devices are recommended choices for future use
and best overall value.


Similar Part No. - MTB50N06VL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB50N06VL MOTOROLA-MTB50N06VL Datasheet
249Kb / 10P
   TMOS POWER FET 42 AMPERES 60 VOLTS
More results

Similar Description - MTB50N06VL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF3442VT1 ONSEMI-MGSF3442VT1 Datasheet
175Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTW24N40E ONSEMI-MTW24N40E Datasheet
173Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2000 ??Rev. XXX
MMDF5N02Z ONSEMI-MMDF5N02Z Datasheet
127Kb / 12P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTW16N40E ONSEMI-MTW16N40E Datasheet
123Kb / 8P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTSF3N02HD ONSEMI-MTSF3N02HD Datasheet
304Kb / 12P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
NTP15N40 ONSEMI-NTP15N40 Datasheet
148Kb / 4P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTB36N06V ONSEMI-MTB36N06V Datasheet
263Kb / 10P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
NTP22N06L ONSEMI-NTP22N06L Datasheet
200Kb / 7P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
logo
Dongguan Pingjingsemi T...
PJM1514NDJ PJSEMI-PJM1514NDJ Datasheet
892Kb / 5P
   N?묬hannel Power MOSFET
PJM1516NDJ PJSEMI-PJM1516NDJ Datasheet
984Kb / 5P
   N?묬hannel Power MOSFET
logo
ON Semiconductor
MMDF7N02Z ONSEMI-MMDF7N02Z Datasheet
256Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com