Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB55N06Z Datasheet(PDF) 1 Page - ON Semiconductor

Part # MTB55N06Z
Description  N?묬hannel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTB55N06Z Datasheet(HTML) 1 Page - ON Semiconductor

  MTB55N06Z Datasheet HTML 1Page - ON Semiconductor MTB55N06Z Datasheet HTML 2Page - ON Semiconductor MTB55N06Z Datasheet HTML 3Page - ON Semiconductor MTB55N06Z Datasheet HTML 4Page - ON Semiconductor MTB55N06Z Datasheet HTML 5Page - ON Semiconductor MTB55N06Z Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 3
1
Publication Order Number:
MTB55N06Z/D
MTB55N06Z
Preferred Device
Power MOSFET
55 Amps, 60 Volts
N−Channel D2PAK
This Power MOSFET is designed to withstand high energy in the
avalanche mode and switch efficiently. This high energy device also
offers a drain−to−source diode with fast recovery time. Designed for
high voltage, high speed switching applications in power supplies,
PWM motor controls and other inductive loads, the avalanche energy
capability is specified to eliminate the guesswork in designs where
inductive loads are switched and offer additional safety margin against
unexpected voltage transients.
Avalanche Energy Capability Specified at Elevated Temperature
Source−to−Drain Diode Recovery Time Comparable to a
Discrete Fast Recovery Diode
Low Stored Gate Charge for Efficient Switching
Internal Source−to−Drain Diode Designed to Replace External Zener
Transient Suppressor−Absorbs High Energy in the Avalanche Mode
ESD Protected. Designed to Typically Withstand 400 V
Machine Model and 4000 V Human Body Model.
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MΩ)
VDGR
60
Vdc
Gate−to−Source Voltage
− Continuous
− Non−Repetitive (tp ≤ 10 ms)
VGS
VGSM
± 20
± 40
Vdc
Vpk
Drain Current
− Continuous @ TC = 25°C
− Continuous @ TC = 100°C
− Single Pulse (tp ≤ 10 μs)
ID
ID
IDM
55
35.5
165
Adc
Apk
Total Power Dissipation @ TC = 25°C
Derate above 25°C
Total Power Dissipation @ TA = 25°C
(Note 1.)
PD
113
0.91
2.5
Watts
W/°C
Operating and Storage Temperature
Range
TJ, Tstg
− 55 to
150
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 25 Vdc, VDS = 60 Vdc,
VGS = 10 Vdc, Peak IL = 55 Apk,
L = 0.3 mH, RG = 25 Ω)
EAS
454
mJ
Thermal Resistance
− Junction to Case
− Junction to Ambient
− Junction to Ambient (Note 1.)
RθJC
RθJC
RθJA
1.1
62.5
50
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8″ from case for 10
seconds
TL
260
°C
1. When surface mounted to an FR4 board using the minimum recommended
pad size.
MARKING DIAGRAM
& PIN ASSIGNMENT
MTB55N06Z
YWW
1
Gate
4
Drain
2
Drain
3
Source
55 AMPERES
60 VOLTS
RDS(on) = 18 mΩ
Device
Package
Shipping
ORDERING INFORMATION
MTB55N06Z
D2PAK
50 Units/Rail
D2PAK
CASE 418B
STYLE 2
1
2
3
4
http://onsemi.com
N−Channel
D
S
G
MTB55N06Z
= Device Code
Y
= Year
WW
= Work Week
MTB55N06ZT4
D2PAK
800/Tape & Reel
Preferred devices are recommended choices for future use
and best overall value.


Similar Part No. - MTB55N06Z

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB55N06Z MOTOROLA-MTB55N06Z Datasheet
146Kb / 6P
   TMOS POWER FET 55 AMPERES 60 VOLTS
More results

Similar Description - MTB55N06Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF3442VT1 ONSEMI-MGSF3442VT1 Datasheet
175Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTW24N40E ONSEMI-MTW24N40E Datasheet
173Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2000 ??Rev. XXX
MMDF5N02Z ONSEMI-MMDF5N02Z Datasheet
127Kb / 12P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTW16N40E ONSEMI-MTW16N40E Datasheet
123Kb / 8P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTSF3N02HD ONSEMI-MTSF3N02HD Datasheet
304Kb / 12P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
NTP15N40 ONSEMI-NTP15N40 Datasheet
148Kb / 4P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTB36N06V ONSEMI-MTB36N06V Datasheet
263Kb / 10P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
NTP22N06L ONSEMI-NTP22N06L Datasheet
200Kb / 7P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
logo
Dongguan Pingjingsemi T...
PJM1514NDJ PJSEMI-PJM1514NDJ Datasheet
892Kb / 5P
   N?묬hannel Power MOSFET
PJM1516NDJ PJSEMI-PJM1516NDJ Datasheet
984Kb / 5P
   N?묬hannel Power MOSFET
logo
ON Semiconductor
MMDF7N02Z ONSEMI-MMDF7N02Z Datasheet
256Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com