Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB60N05HD Datasheet(PDF) 7 Page - ON Semiconductor

Part # MTB60N05HD
Description  N?묬hannel Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTB60N05HD Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MTB60N05HD Datasheet HTML 3Page - ON Semiconductor MTB60N05HD Datasheet HTML 4Page - ON Semiconductor MTB60N05HD Datasheet HTML 5Page - ON Semiconductor MTB60N05HD Datasheet HTML 6Page - ON Semiconductor MTB60N05HD Datasheet HTML 7Page - ON Semiconductor MTB60N05HD Datasheet HTML 8Page - ON Semiconductor MTB60N05HD Datasheet HTML 9Page - ON Semiconductor MTB60N05HD Datasheet HTML 10Page - ON Semiconductor MTB60N05HD Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MTB60N05HDL
http://onsemi.com
7
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 14. Thermal Response
Figure 15. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
0
0.5
1
1.5
2.0
2.5
3
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
Figure 16. D2PAK Power Derating Curve
RθJA = 50°C/W
Board material = 0.065 mil FR−4
Mounted on the minimum recommended footprint
Collector/Drain Pad Size ≈ 450 mils x 350 mils
t, TIME (s)
0.00001
0.0001
0.01
0.001
0.1
1.0
10
0.1
1.0
0.01
0.1
0.2
0.02
D = 0.5
0.05
SINGLE PULSE
RθJC(t) = r(t) RθJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RθJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.01


Similar Part No. - MTB60N05HD

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MTB60N03 VBSEMI-MTB60N03 Datasheet
1Mb / 10P
   N-Channel 30 V (D-S) 175 째C MOSFET
logo
Motorola, Inc
MTB60N06 MOTOROLA-MTB60N06 Datasheet
280Kb / 12P
   TMOS POWER FET 60 AMPERES 60 VOLTS
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
   TMOS POWER FET 60 AMPERES 60 VOLTS
logo
ON Semiconductor
MTB60N06HD ONSEMI-MTB60N06HD Datasheet
284Kb / 11P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
MTB60N06HDT4 ONSEMI-MTB60N06HDT4 Datasheet
284Kb / 11P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
More results

Similar Description - MTB60N05HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF3442VT1 ONSEMI-MGSF3442VT1 Datasheet
175Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTW24N40E ONSEMI-MTW24N40E Datasheet
173Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2000 ??Rev. XXX
MMDF5N02Z ONSEMI-MMDF5N02Z Datasheet
127Kb / 12P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTW16N40E ONSEMI-MTW16N40E Datasheet
123Kb / 8P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTSF3N02HD ONSEMI-MTSF3N02HD Datasheet
304Kb / 12P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
NTP15N40 ONSEMI-NTP15N40 Datasheet
148Kb / 4P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTB36N06V ONSEMI-MTB36N06V Datasheet
263Kb / 10P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
NTP22N06L ONSEMI-NTP22N06L Datasheet
200Kb / 7P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
logo
Dongguan Pingjingsemi T...
PJM1514NDJ PJSEMI-PJM1514NDJ Datasheet
892Kb / 5P
   N?묬hannel Power MOSFET
PJM1516NDJ PJSEMI-PJM1516NDJ Datasheet
984Kb / 5P
   N?묬hannel Power MOSFET
logo
ON Semiconductor
MMDF7N02Z ONSEMI-MMDF7N02Z Datasheet
256Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com