Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS4C35NT3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMFS4C35NT3G
Description  Single N?묬hannel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4C35NT3G Datasheet(HTML) 2 Page - ON Semiconductor

  NTMFS4C35NT3G Datasheet HTML 1Page - ON Semiconductor NTMFS4C35NT3G Datasheet HTML 2Page - ON Semiconductor NTMFS4C35NT3G Datasheet HTML 3Page - ON Semiconductor NTMFS4C35NT3G Datasheet HTML 4Page - ON Semiconductor NTMFS4C35NT3G Datasheet HTML 5Page - ON Semiconductor NTMFS4C35NT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTMFS4C35N
http://onsemi.com
2
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case (Drain)
RqJC
3.8
°C/W
Junction−to−Ambient – Steady State (Note 4)
RqJA
48.3
Junction−to−Ambient – Steady State (Note 5)
RqJA
159.3
Junction−to−Ambient – (t ≤ 10 s) (Note 4)
RqJA
18.8
4. Surface−mounted on FR4 board using 1 sq−in pad, 1 oz Cu.
5. Surface−mounted on FR4 board using the minimum recommended pad size.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
30
V
Drain−to−Source Breakdown Voltage
(transient)
V(BR)DSSt
VGS = 0 V, ID(aval) = 13.2 A,
Tcase = 25°C, ttransient = 100 ns
34
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
12
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 24 V
TJ = 25°C
1.0
mA
TJ = 125°C
10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.3
2.2
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
5.0
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V
ID = 30 A
2.56
3.2
mW
VGS = 4.5 V
ID = 30 A
3.4
4.0
Forward Transconductance
gFS
VDS = 1.5 V, ID = 15 A
50
S
Gate Resistance
RG
TA = 25°C
1.0
W
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = 15 V
2300
pF
Output Capacitance
COSS
1097
Reverse Transfer Capacitance
CRSS
46
Capacitance Ratio
CRSS/CISS
VGS = 0 V, VDS = 15 V, f = 1 MHz
0.02
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 15 V; ID = 30 A
15
nC
Threshold Gate Charge
QG(TH)
3.3
Gate−to−Source Charge
QGS
6.5
Gate−to−Drain Charge
QGD
5.5
Gate Plateau Voltage
VGP
3.1
V
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 15 V; ID = 30 A
32.5
nC
SWITCHING CHARACTERISTICS (Note 7)
Turn−On Delay Time
td(ON)
VGS = 4.5 V, VDS = 15 V,
ID = 15 A, RG = 3.0 W
12.6
ns
Rise Time
tr
33
Turn−Off Delay Time
td(OFF)
21.4
Fall Time
tf
6.7
6. Pulse Test: pulse width v 300 ms, duty cycle v 2%.
7. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTMFS4C35NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4C302N ONSEMI-NTMFS4C302N Datasheet
184Kb / 7P
   MOSFET ??Single, N-Channel, Logic Level, SO-8 FL 30 V, 1.15 m, 230 A
February, 2021-Rev. 3
NTMFS4C302NT1G ONSEMI-NTMFS4C302NT1G Datasheet
184Kb / 7P
   MOSFET ??Single, N-Channel, Logic Level, SO-8 FL 30 V, 1.15 m, 230 A
February, 2021-Rev. 3
NTMFS4C302NT3G ONSEMI-NTMFS4C302NT3G Datasheet
184Kb / 7P
   MOSFET ??Single, N-Channel, Logic Level, SO-8 FL 30 V, 1.15 m, 230 A
February, 2021-Rev. 3
More results

Similar Description - NTMFS4C35NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
   Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
80Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
   Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
   Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
   Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
logo
Dongguan Pingjingsemi T...
PJM60H04NTF PJSEMI-PJM60H04NTF Datasheet
967Kb / 7P
   Single N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com