Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF4010G Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # UF4010G
Description  GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

UF4010G Datasheet(HTML) 2 Page - Pan Jit International Inc.

  UF4010G Datasheet HTML 1Page - Pan Jit International Inc. UF4010G Datasheet HTML 2Page - Pan Jit International Inc. UF4010G Datasheet HTML 3Page - Pan Jit International Inc. UF4010G Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
August 8,2014-REV.00
UF408G~UF4010G
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
25
50
75
100
125
150
T
C, Case Temperature (°C)
0.01
0.1
1
10
100
1000
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 25°C
T
J = 75°C
T
J = 125°C
T
J = 150°C
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
1
10
100
0.1
1
10
100
V
R, Reverse Bias Voltage (V)
0.1
1
10
00.5
11.5
2
V
F, Forward Voltage (V)
T
J = 150°C
T
J = 125°C
T
J = 25°C
T
J = 75°C


Similar Part No. - UF4010G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UF4014 MCC-UF4014 Datasheet
79Kb / 3P
   1 Amp Glass Passivated Ultra Fast 1400 to 1600 Volts Recovery Rectifier
UF4014GP MCC-UF4014GP Datasheet
79Kb / 3P
   1 Amp Glass Passivated Ultra Fast 1400 to 1600 Volts Recovery Rectifier
UF4016GP MCC-UF4016GP Datasheet
79Kb / 3P
   1 Amp Glass Passivated Ultra Fast 1400 to 1600 Volts Recovery Rectifier
More results

Similar Description - UF4010G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF600G PANJIT-UF600G_04 Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIERS
UF300G PANJIT-UF300G_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIERS
UF300G PANJIT-UF300G_09 Datasheet
47Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIERS
UF4001G PANJIT-UF4001G Datasheet
43Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIERS
UF150G PANJIT-UF150G_04 Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIERS
UF150G PANJIT-UF150G_09 Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIERS
UF200G PANJIT-UF200G Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIERS
UF200G PANJIT-UF200G_09 Datasheet
47Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIERS
logo
Transys Electronics
UF200G TRSYS-UF200G Datasheet
155Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER
logo
Pan Jit International I...
UF5401G PANJIT-UF5401G Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RCTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com