Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1C-500B1 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # M1C-500B1
Description  500W Power Supply for 1U Easy Swap
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M1C-500B1 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button M1C-500B1 Datasheet HTML 3Page - List of Unclassifed Manufacturers M1C-500B1 Datasheet HTML 4Page - List of Unclassifed Manufacturers M1C-500B1 Datasheet HTML 5Page - List of Unclassifed Manufacturers M1C-500B1 Datasheet HTML 6Page - List of Unclassifed Manufacturers M1C-500B1 Datasheet HTML 7Page - List of Unclassifed Manufacturers M1C-500B1 Datasheet HTML 8Page - List of Unclassifed Manufacturers M1C-500B1 Datasheet HTML 9Page - List of Unclassifed Manufacturers M1C-500B1 Datasheet HTML 10Page - List of Unclassifed Manufacturers M1C-500B1 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
11. 電磁相容
電磁相容
電磁相容
電磁相容 EMC
電源電磁干擾滿足以下標準
The power supply shall comply with the following criterion:
11.1. 電磁干擾 EMI
1) Conduction Emission:(傳導干擾度)
A.EN55013/EN55022, CLASS B
B.CISPR13:2001/FCC PART15 CLASS B
2) Radiated Emission : (幅射干擾度)
A.EN55013/EN55022, CLASS B
B.CISPR13:2001/FCC PART15 CLASS B
12. 環境條件
環境條件
環境條件
環境條件Environmental
12.1. Temperature
Operating : 0
to
+40℃
Non Operating: -20
to
+70℃
12.2. Humidity
Operating : 5% to 95%, non-condensing
Non Operating: 20% to 90%,non-condensing
12.3. Altitude
Operating: sea level to 7,000 feet
Non-operating: sea level to 40,000 feet
12.4. 振動耐受 Vibration
10-55Hz, 19.6m/s²(2G), 3minutes period, 60minutes each along X, Y and Z axis.
12.5. 衝擊耐受 Shock
49m/s²(5G),11ms, once each X, Y and Z axis.
12.6. 冷卻方式 Cooling Method
BY BALL BEARING DC FAN.
13. 可靠性
可靠性
可靠性
可靠性 Reliability
13.1 平均故障失效時間 MTBF Qualification
Using MIL - HDBK -217F the calculated MTBF>100,000 hours at 25℃
SURE STAR
SURE STAR


Similar Part No. - M1C-500B1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1C-500A1 ETC2-M1C-500A1 Datasheet
255Kb / 11P
   500W Power Supply for 1U Easy Swap
M1C-500C1 ETC2-M1C-500C1 Datasheet
252Kb / 11P
   500W Power Supply for 1U Easy Swap
More results

Similar Description - M1C-500B1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1D-500D1 ETC2-M1D-500D1 Datasheet
273Kb / 11P
   500W Power Supply for 1U Easy Swap
M1C-500A1 ETC2-M1C-500A1 Datasheet
255Kb / 11P
   500W Power Supply for 1U Easy Swap
M1C-500C1 ETC2-M1C-500C1 Datasheet
252Kb / 11P
   500W Power Supply for 1U Easy Swap
M1C-460C1 ETC2-M1C-460C1 Datasheet
234Kb / 11P
   460W Power Supply for 1U Easy Swap
M1C-550A1 ETC2-M1C-550A1 Datasheet
256Kb / 11P
   550W Power Supply for 1U Easy Swap
M1C-600B1 ETC2-M1C-600B1 Datasheet
235Kb / 11P
   600W Power Supply for 1U Easy Swap
M1D-700D1 ETC2-M1D-700D1 Datasheet
274Kb / 11P
   700W Power Supply for 1U Easy Swap
M1C-550C1 ETC2-M1C-550C1 Datasheet
252Kb / 11P
   550W Power Supply for 1U Easy Swap
M1C-600C1 ETC2-M1C-600C1 Datasheet
234Kb / 11P
   600W Power Supply for 1U Easy Swap
M1D-650D1 ETC2-M1D-650D1 Datasheet
292Kb / 11P
   650W Power Supply for 1U Easy Swap
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com