Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1D-460D1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # M1D-460D1
Description  460W Power Supply for 1U Easy Swap
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M1D-460D1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button M1D-460D1 Datasheet HTML 3Page - List of Unclassifed Manufacturers M1D-460D1 Datasheet HTML 4Page - List of Unclassifed Manufacturers M1D-460D1 Datasheet HTML 5Page - List of Unclassifed Manufacturers M1D-460D1 Datasheet HTML 6Page - List of Unclassifed Manufacturers M1D-460D1 Datasheet HTML 7Page - List of Unclassifed Manufacturers M1D-460D1 Datasheet HTML 8Page - List of Unclassifed Manufacturers M1D-460D1 Datasheet HTML 9Page - List of Unclassifed Manufacturers M1D-460D1 Datasheet HTML 10Page - List of Unclassifed Manufacturers M1D-460D1 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
5. 電源良好信號
電源良好信號
電源良好信號
電源良好信號 Power good signal
The system shall have an active high TTL compatible signal capable of sinking 1mA and
sourcing 100uA. The signal shall become active within 100 to 500 ms from the instant +5V output
reaches a steady state level within the specified regulation limits. It shall become inactive at least
1 ms before +5V drops to below the lower regulation limit.
Power good @ 115/230VAC , Full Load
200ms ~ 500ms
Power Fail @ 115/230VAC , Full Load
1ms (Min.)
6.
保護
保護
保護
保護 Protection
6.1. 過壓保護 Over voltage protection
Output
Min
Max
Comments
+3.3V
3.75V
4.3V
PSU shutdown
+5V
5.7V
6.9V
PSU shutdown
+12V
13V
14.3V
PSU shutdown
Note:應該在最大交流輸入電壓230伏和輕載、空載下測試。
The power supply shall be test at max AC voltage (230Vac) and min load
or no load.
6.2. 低壓保護 Under-voltage protection
Output
Min
Max
Comments
+3.3V
2.0V
2.4V
PSU shutdown
+5V
3.3V
3.7V
PSU shutdown
+12V
8.5V
9.5V
PSU shutdown
Note:應該在最大交流輸入電壓230伏和輕載、空載下測試。
The power supply shall be test at max AC voltage (230Vac) and min load
or no load.
6.3. 過流保護 Over current protection
Output
Over Current(Type)
Over Current(Max.)
Comments
+3.3V
≧27.5A
37.5A
PSU shutdown
+5V
≧27.5A
37.5A
PSU shutdown
+12V
≧39.6A
54A
PSU shutdown
Note:過流保護測試是在其他額定負載時測試。
The over current protection should be tested at other load rating.
SURE STAR
SURE STAR


Similar Part No. - M1D-460D1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1D-500D1 ETC2-M1D-500D1 Datasheet
273Kb / 11P
   500W Power Supply for 1U Easy Swap
M1D-550D1 ETC2-M1D-550D1 Datasheet
292Kb / 11P
   550W Power Supply for 1U Easy Swap
M1D-600D1 ETC2-M1D-600D1 Datasheet
274Kb / 11P
   600W Power Supply for 1U Easy Swap
M1D-650D1 ETC2-M1D-650D1 Datasheet
292Kb / 11P
   650W Power Supply for 1U Easy Swap
M1D-700D1 ETC2-M1D-700D1 Datasheet
274Kb / 11P
   700W Power Supply for 1U Easy Swap
More results

Similar Description - M1D-460D1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1C-460C1 ETC2-M1C-460C1 Datasheet
234Kb / 11P
   460W Power Supply for 1U Easy Swap
M1C-460B1 ETC2-M1C-460B1 Datasheet
235Kb / 11P
   460W Power Supply for 1U Easy Swap
M1C-460A1 ETC2-M1C-460A1 Datasheet
237Kb / 11P
   460W Power Supply for Easy Swap
M1C-550A1 ETC2-M1C-550A1 Datasheet
256Kb / 11P
   550W Power Supply for 1U Easy Swap
M1C-600B1 ETC2-M1C-600B1 Datasheet
235Kb / 11P
   600W Power Supply for 1U Easy Swap
M1D-700D1 ETC2-M1D-700D1 Datasheet
274Kb / 11P
   700W Power Supply for 1U Easy Swap
M1C-550C1 ETC2-M1C-550C1 Datasheet
252Kb / 11P
   550W Power Supply for 1U Easy Swap
M1C-600C1 ETC2-M1C-600C1 Datasheet
234Kb / 11P
   600W Power Supply for 1U Easy Swap
M1D-650D1 ETC2-M1D-650D1 Datasheet
292Kb / 11P
   650W Power Supply for 1U Easy Swap
M1D-500D1 ETC2-M1D-500D1 Datasheet
273Kb / 11P
   500W Power Supply for 1U Easy Swap
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com