Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDX-XJE Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # DDX-XJE
Description  High brightness surface mount LED using thin film technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDX-XJE Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  DDX-XJE Datasheet HTML 1Page - DOMINANT Semiconductors DDX-XJE Datasheet HTML 2Page - DOMINANT Semiconductors DDX-XJE Datasheet HTML 3Page - DOMINANT Semiconductors DDX-XJE Datasheet HTML 4Page - DOMINANT Semiconductors DDX-XJE Datasheet HTML 5Page - DOMINANT Semiconductors DDX-XJE Datasheet HTML 6Page - DOMINANT Semiconductors DDX-XJE Datasheet HTML 7Page - DOMINANT Semiconductors DDX-XJE Datasheet HTML 8Page - DOMINANT Semiconductors DDX-XJE Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
04/10/2010 V8.0
1
Features:
> High brightness surface mount LED using thin film technology.
> 120° viewing angle.
> Small package outline (LxWxH) of 3.2 x 2.8 x 1.8mm.
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to IR reflow soldering.
> Environmental friendly; RoHS compliance.
DomiLEDTM
Synonymous with function and performance, the DomiLED
TM series is
perfectly suited for a variety of cross-industrial applications due to its
small package outline, durability and superior brightness.
DATA SHEET:
DomiLEDTM
Colored Resin : DDx-xJE
© 2005 DomiLED is a trademark of DOMINANT Opto Technologies.
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Display: full color display video notice board.
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - DDX-XJE

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDX-XJS DOMINANT-DDX-XJS Datasheet
1Mb / 16P
   High brightness surface mount LED
DDX-XJS-I21 DOMINANT-DDX-XJS-I21 Datasheet
1Mb / 13P
   High brightness surface mount LED.
DDX-XJX1 DOMINANT-DDX-XJX1 Datasheet
1Mb / 15P
   High brightness surface mount LED
More results

Similar Description - DDX-XJE

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DRS-NRS-TU1-1 DOMINANT-DRS-NRS-TU1-1 Datasheet
783Kb / 12P
   High brightness surface mount LED using thin film technology
DRX-NJB DOMINANT-DRX-NJB Datasheet
816Kb / 13P
   High brightness surface mount LED using thin film technology
DRX-RJE DOMINANT-DRX-RJE Datasheet
950Kb / 12P
   High brightness surface mount LED using thin film technology
DWX8 DOMINANT-DWX8 Datasheet
1Mb / 13P
   High brightness surface mount LED using thin film technology
DWX-MJB DOMINANT-DWX-MJB Datasheet
710Kb / 13P
   High brightness surface mount LED using thin film technology
DWX-MJS1 DOMINANT-DWX-MJS1 Datasheet
1,000Kb / 13P
   High brightness surface mount LED using thin film technology
DRR-MJS-U2V-1 DOMINANT-DRR-MJS-U2V-1 Datasheet
776Kb / 12P
   High brightness surface mount LED using thin film technology
DRX-NJE DOMINANT-DRX-NJE Datasheet
953Kb / 12P
   High brightness surface mount LED using thin film technology
DRX-NJS5 DOMINANT-DRX-NJS5 Datasheet
1Mb / 14P
   High brightness surface mount LED using thin film technology
DRX-MJS0 DOMINANT-DRX-MJS0 Datasheet
1Mb / 14P
   High brightness surface mount LED using thin film technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com