Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A-600D1V2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # R2A-600D1V2
Description  600W600W 2/3U Redundant Power Supply.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R2A-600D1V2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button R2A-600D1V2 Datasheet HTML 2Page - List of Unclassifed Manufacturers R2A-600D1V2 Datasheet HTML 3Page - List of Unclassifed Manufacturers R2A-600D1V2 Datasheet HTML 4Page - List of Unclassifed Manufacturers R2A-600D1V2 Datasheet HTML 5Page - List of Unclassifed Manufacturers R2A-600D1V2 Datasheet HTML 6Page - List of Unclassifed Manufacturers R2A-600D1V2 Datasheet HTML 7Page - List of Unclassifed Manufacturers R2A-600D1V2 Datasheet HTML 8Page - List of Unclassifed Manufacturers R2A-600D1V2 Datasheet HTML 9Page - List of Unclassifed Manufacturers R2A-600D1V2 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
4.4. 上升時間 Rise Time
Output Voltage
115/230Vac Input & Full Load
+3.3V
20ms (max.)
+5V
20ms (max.)
+12V
20ms (max.)
-12V
20ms (max.)
+5VSB
20ms (max.)
Note: 上升時間為輸出電壓從10%上升至90%的時間。
The rise time measured is when the output voltages rise from10% to 90% of
specified output voltage Vout observed on the channel waveform.
4.5. 動態響應時間 Dynamic load response time
The following shall apply to the 3.3 V, 5 V, and 12 V outputs:
Output voltage for each output shall recover to within 5 % of its steady state level in less
than 1 ms under the following conditions:
AC Input Voltage: 90VAC ~ 264VAC
Repetition rate of 100Hz with 50 % duty cycle
Output
Step Load Size
Load Slew Rate
Capacitive Load
+3.3V
30% to 100% to 30% load
0.5 A/
u sec
6000uF
+5V
30% to 100% to 30% load
0.5 A/
u sec
6000uF
+12V
60% to 100% to 60% load
1 A/
u sec
6000uf
+5SB
0% to 100% to 0% load
0.5 A/
u sec
350uF
4.6. 遠端開關控制 Remote on/off control
The main outputs of this power supply (3.3V,5V,12V,-12V) shall be energized when input
signal*PSON is active. *PSON is an active low TTL compatible signal referenced to the +5V
standby common. This input signal shall be an open collector signal capable of sinking a
minimum of 1.6mA. When *PSON becomes inactive, the main outputs shall be disabled.
PSU on
PSU off
PSON Signal
LOW (0.8V max)
HI (2V max)
SURE STAR
SURE STAR


Similar Part No. - R2A-600D1V2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R2A-650D1V2 ETC2-R2A-650D1V2 Datasheet
339Kb / 12P
   650W650W 2/3U Redundant Power Supply.
More results

Similar Description - R2A-600D1V2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R4B-600G1V2 ETC2-R4B-600G1V2 Datasheet
328Kb / 13P
   600W600W Mini Redundant Power Supply
logo
ETA-USA
FHGSX-U1 ETA-USA-FHGSX-U1 Datasheet
1Mb / 5P
   600W Power Supply
ETG-SC ETA-USA-ETG-SC Datasheet
2Mb / 4P
   600W Isolated Power Supply
logo
List of Unclassifed Man...
R2A-460D1V2 ETC2-R2A-460D1V2 Datasheet
337Kb / 12P
   460W460W 2/3U Redundant Power Supply.
R2A-550D1V2 ETC2-R2A-550D1V2 Datasheet
336Kb / 12P
   550W550W 2/3U Redundant Power Supply.
R2A-650D1V2 ETC2-R2A-650D1V2 Datasheet
339Kb / 12P
   650W650W 2/3U Redundant Power Supply.
R2A-500D1V2 ETC2-R2A-500D1V2 Datasheet
319Kb / 12P
   500W500W 2/3U Redundant Power Supply.
logo
MicroPower Direct, LLC
MPU-600C MPD-MPU-600C Datasheet
1Mb / 4P
   Compact 600W Supply
MPU-600CD MPD-MPU-600CD Datasheet
1Mb / 4P
   Compact 600W Supply
logo
List of Unclassifed Man...
TC-600RVN2 ETC2-TC-600RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com