Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R4B-600G1V2 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # R4B-600G1V2
Description  600W600W Mini Redundant Power Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R4B-600G1V2 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button R4B-600G1V2 Datasheet HTML 4Page - List of Unclassifed Manufacturers R4B-600G1V2 Datasheet HTML 5Page - List of Unclassifed Manufacturers R4B-600G1V2 Datasheet HTML 6Page - List of Unclassifed Manufacturers R4B-600G1V2 Datasheet HTML 7Page - List of Unclassifed Manufacturers R4B-600G1V2 Datasheet HTML 8Page - List of Unclassifed Manufacturers R4B-600G1V2 Datasheet HTML 9Page - List of Unclassifed Manufacturers R4B-600G1V2 Datasheet HTML 10Page - List of Unclassifed Manufacturers R4B-600G1V2 Datasheet HTML 11Page - List of Unclassifed Manufacturers R4B-600G1V2 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SPEC=R4B600G1V2-vA8.doc
PAGE 第 8/13 頁
6.4. Short Circuit Protection
Output
Comment
+3.3V
PSU shutdown
+5V
PSU shutdown
+12V
PSU shutdown
Note:Short circuit protection should be tested with other rated load.
6.5. Thermal Protection
The power supply shall go into thermal protection as the case temperature exceeds
86℃ (±5℃).The output shall recover only when temperature becomes normal and
input power is turned on again.
7. Power System Signal Status
7.1. Buzzer Status
Power Supply Condition
Buzzer Status
No AC power to all PSU
OFF
AC present/only standby output on
OFF
Power supply DC outputs ON and OK
OFF
Power supply failure
Beeping
7.2. LED indicator
Power Supply Condition
Power System Status
Per Power Module Status
LED Color
RED
GREEN
ORANGE
No AC power to all PSU
OFF
OFF
OFF
AC present/only standby output on
ON
OFF
OFF
Power supply DC output ON and OK
OFF
ON
ON
Power supply failure
OFF
Blinking
OFF


Similar Part No. - R4B-600G1V2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R4B-500G1V2 ETC2-R4B-500G1V2 Datasheet
328Kb / 13P
   500W500W Mini Redundant Power Supply
R4B-700G1V2 ETC2-R4B-700G1V2 Datasheet
330Kb / 13P
   700W700W Mini Redundant Power Supply
R4B-800G1V2 ETC2-R4B-800G1V2 Datasheet
329Kb / 13P
   800W800W Mini Redundant Power Supply
More results

Similar Description - R4B-600G1V2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R2A-600D1V2 ETC2-R2A-600D1V2 Datasheet
321Kb / 12P
   600W600W 2/3U Redundant Power Supply.
logo
ETA-USA
FHGSX-U1 ETA-USA-FHGSX-U1 Datasheet
1Mb / 5P
   600W Power Supply
ETG-SC ETA-USA-ETG-SC Datasheet
2Mb / 4P
   600W Isolated Power Supply
logo
MicroPower Direct, LLC
MPU-600C MPD-MPU-600C Datasheet
1Mb / 4P
   Compact 600W Supply
MPU-600CD MPD-MPU-600CD Datasheet
1Mb / 4P
   Compact 600W Supply
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600 Datasheet
315Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-600 MEANWELL-SE-600_09 Datasheet
254Kb / 2P
   600W Single Output Power Supply
SE-600 MEANWELL-SE-600_11 Datasheet
255Kb / 2P
   600W Single Output Power Supply
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600_17 Datasheet
320Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-600 MEANWELL-SE-600 Datasheet
252Kb / 2P
   600W Single Output Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com