Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R4B-800G1V2 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # R4B-800G1V2
Description  800W800W Mini Redundant Power Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R4B-800G1V2 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button R4B-800G1V2 Datasheet HTML 5Page - List of Unclassifed Manufacturers R4B-800G1V2 Datasheet HTML 6Page - List of Unclassifed Manufacturers R4B-800G1V2 Datasheet HTML 7Page - List of Unclassifed Manufacturers R4B-800G1V2 Datasheet HTML 8Page - List of Unclassifed Manufacturers R4B-800G1V2 Datasheet HTML 9Page - List of Unclassifed Manufacturers R4B-800G1V2 Datasheet HTML 10Page - List of Unclassifed Manufacturers R4B-800G1V2 Datasheet HTML 11Page - List of Unclassifed Manufacturers R4B-800G1V2 Datasheet HTML 12Page - List of Unclassifed Manufacturers R4B-800G1V2 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SPEC=R4B800G1V2-vA8.doc
PAGE 第 9/13 頁
7.3. TTL Signal
Power Supply Condition
Output Condition
Min.
Max.
Normal (Power Supply ON)
3V
5.25V
Failure (Power Supply OFF)
0V
1V
8. Load Sharing
Output Voltage
Load Current
Load Share Voltage
+12V
1A
+0.48V ~ +0.52V
9. Isolation
9.1. Insulation Resistance
Input To Output
500Vdc、50M ohm Min. (at room temperature)
Input To FG
500Vdc、50M ohm Min. (at room temperature)
Output To FG
Not
Available
9.2. Dielectric Withstand Voltage
Input To Output
3000Vac (10mA) for 1 minute
Input To FG
1800Vac (10mA) for 1 minute
Output To FG
Not
Available
9.3. Leakage current
Maximum 3.5mA at 240Vac/60Hz.
10. Safety
CB、CE、TUV、UL、BSMI、CCC。
Please visit our website and get the latest safety certificate.


Similar Part No. - R4B-800G1V2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R4B-500G1V2 ETC2-R4B-500G1V2 Datasheet
328Kb / 13P
   500W500W Mini Redundant Power Supply
R4B-600G1V2 ETC2-R4B-600G1V2 Datasheet
328Kb / 13P
   600W600W Mini Redundant Power Supply
R4B-700G1V2 ETC2-R4B-700G1V2 Datasheet
330Kb / 13P
   700W700W Mini Redundant Power Supply
More results

Similar Description - R4B-800G1V2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFRP-P80A ETC2-EFRP-P80A Datasheet
331Kb / 2P
   800W CRPS Redundant Power Module
EFRP-P280A ETC2-EFRP-P280A Datasheet
384Kb / 2P
   800W CRPS 2U Redundant Power
EFRP-P280AH ETC2-EFRP-P280AH Datasheet
823Kb / 2P
   800W CRPS 1U Redundant Power
EFRP-S2803 ETC2-EFRP-S2803 Datasheet
414Kb / 2P
   ERP2U 800W Server Power Supply
logo
Vishay Barry
T50R0-800-1E BARRY-T50R0-800-1E Datasheet
160Kb / 2P
   800W BeO Flanged Termination
REV.NOV 5 2014
RXXXX-800-1X BARRY-RXXXX-800-1X Datasheet
140Kb / 2P
   800W BeO Flanged Resistor
REV.A JUL 18 2017
logo
TDK Electronics
Z36-12-IEEE-U TDK-Z36-12-IEEE-U Datasheet
159Kb / 2P
   200 to 800W Programmable Power Supplies
logo
List of Unclassifed Man...
Z10-20-LAN-L-U ETC2-Z10-20-LAN-L-U Datasheet
159Kb / 1P
   200 to 800W Programmable Power Supplies
logo
Astrodyne Corporation
SCN-800 ASTRODYNE-SCN-800 Datasheet
206Kb / 3P
   800W With Parallel Function
logo
Vishay Barry
RXXXX-800-1E BARRY-RXXXX-800-1E Datasheet
154Kb / 2P
   800W BeO Flanged Resistor
REV.C FEB 1 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com