Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1006HE-AU Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # GS1006HE-AU
Description  SURFACE GENERAL PURPOSE RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS1006HE-AU Datasheet(HTML) 2 Page - Pan Jit International Inc.

  GS1006HE-AU Datasheet HTML 1Page - Pan Jit International Inc. GS1006HE-AU Datasheet HTML 2Page - Pan Jit International Inc. GS1006HE-AU Datasheet HTML 3Page - Pan Jit International Inc. GS1006HE-AU Datasheet HTML 4Page - Pan Jit International Inc. GS1006HE-AU Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
GS1006HE-AU
March 20,2014
Document Number : 131127
1
10
100
1
10
100
V
R, Reverse Bias Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
T
L,Lead Temperature (°C)
0.001
0.01
0.1
1
10
100
1000
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 125°C
T
J = 75°C
T
J = 25°C
T
J = 150°C
Fig.3 Typical Reverse Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
0.001
0.01
0.1
1
10
0.3
0.5
0.7
0.9
1.1
1.3
V
F, Forward Voltage (V)
T
J = 150°C
T
J = 125°C
T
J = 75°C
T
J = 25°C
Fig.4 Typical Forward Characteristics
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics


Similar Part No. - GS1006HE-AU

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
GS1006 DGNJDZ-GS1006 Datasheet
248Kb / 3P
   1.0 AmpereSilion Rectifier
logo
SUNMATE electronic Co.,...
GS1006F SUNMATE-GS1006F Datasheet
352Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER DIODES
logo
Pan Jit International I...
GS1006FL PANJIT-GS1006FL Datasheet
102Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
GS1006FL PANJIT-GS1006FL Datasheet
132Kb / 3P
   SURFACE GENERAL PURPOSE RECTIFIERS
logo
YENYO TECHNOLOGY Co., L...
GS1006FL YENYO-GS1006FL Datasheet
234Kb / 2P
   1.0A General Purpose Rectifier
More results

Similar Description - GS1006HE-AU

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1000FL-AU PANJIT-GS1000FL-AU Datasheet
716Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
GS1504FL PANJIT-GS1504FL Datasheet
84Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
GS1004HE PANJIT-GS1004HE Datasheet
136Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
GS1000FL PANJIT-GS1000FL_09 Datasheet
132Kb / 3P
   SURFACE GENERAL PURPOSE RECTIFIERS
GS1504FL-AU PANJIT-GS1504FL-AU Datasheet
545Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
June 13,2017-REV.03
logo
Shenzhen Taychipst Elec...
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
M1 CTC-M1 Datasheet
74Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S1XF HORNBY-S1XF_18 Datasheet
202Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
S2A CTC-S2A Datasheet
108Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S2XF HORNBY-S2XF Datasheet
228Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com