Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8703AV Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM8703AV
Description  Clock Generator for MPEG2 System
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8703AV Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM8703AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SM8703AV
NIPPON PRECISION CIRCUITS—5
DC Electrical Characteristics
External clock, Ta = –40 to 85 °C, VDDA = VDD = VDD1 = VDD2 = 3.0 to 3.6 V unless otherwise stated
AC Electrical Characteristics
External clock, Ta = –40 to 85 °C, VDDA = VDD = VDD1 = VDD2 = 3.0 to 3.6 V unless otherwise stated
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Current consumption
IDD
All supplies.
V DDA = V DD = V DD1 = V DD2 = 3.3V,
Ta = 25 °C , fs = 48 kHz,
Cr ystal oscillator element,
no load on all outputs
–3 2
4 5
m A
HIGH-level input voltage
V IH
XTI, FSEL/MDT, MCK, MLEN
0.8 V DD
––
V
L O W -level input voltage
V IL
XTI, FSEL/MDT, MCK, MLEN
0.2 V DD
V
HIGH-level input current
IIH1
FSEL/MDT, MCK, MLEN, V IN = V DD
––1
µ A
L O W -level input current
IIL1
FSEL/MDT, MCK, MLEN, V IN = 0 V
−100
µ A
HIGH-level input current
IIH2
XTI, V IN = V DD
––
4 0
µ A
L O W -level input current
IIL2
XTI, V IN = 0 V
−40
µ A
HIGH-level output voltage
V OH
All outputs. IOH = −2 mA
V DD − 0.4
V
L O W -level output voltage
V OL
All outputs. IOL = 4 mA
0.4
V
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
XTI external input clock frequency
fM
27.0000
M H z
Output clock rise time
tR
All outputs, 0.2 to 0.8VDD ,
C L = 15 pF
2.0
ns
Output clock fall time
tF
All outputs, 0.8 to 0.2VDD ,
C L = 15 pF
2.0
ns
Output clock jitter1
1. 1.4V to 1.4V. Ta=20
°C.The characteristics of output clock jitter and output clock duty depends on crystal oscillator.
NPC’s standard crystal oscillator: R = 10.5
Ω, L = 5.38 mH, Ca = 6.74 fF, Cb = 1.85 pF
measurement apparatus: HP4195
Load capacitance: C1 = 7 p F, C2 = 11 p F
JITTER
All outputs, Standard tolerance,
Cr ystal oscillator element,
C L = 15 pF
100
ps
Output clock duty1
DUTY
All outputs, Crystal oscillator
element, 1.4V to 1.4V, CL = 15 pF
45
50
55
%
Settling time
tS
All outputs
1 0 0
ns
P ow er-up time2
2. Time from OFF condition to stable frequency output.
tP
All outputs
1 5
3 0
m s
L
Ca
R
Cb


Similar Part No. - SM8703AV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8703CV NPC-SM8703CV Datasheet
98Kb / 12P
   Clock Generator for DVD Players
More results

Similar Description - SM8703AV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
6P41505 RENESAS-6P41505 Datasheet
561Kb / 27P
   System Clock Generator
MAY 1, 2019
logo
PulseCore Semiconductor
ASM3P2854B PULSECORE-ASM3P2854B_1 Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
ASM3P2854B PULSECORE-ASM3P2854B Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
logo
List of Unclassifed Man...
UT8586SC ETC1-UT8586SC Datasheet
87Kb / 6P
   CLOCK GENERATOR FOR PENTIUM BASED SYSTEM
logo
PulseCore Semiconductor
ASM3P2855B PULSECORE-ASM3P2855B_1 Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
logo
ON Semiconductor
ASM3P2855D ONSEMI-ASM3P2855D Datasheet
148Kb / 7P
   Custom Clock Generator for FAX System
MARCH 2010 ??Rev. 1
ASM3P2854C ONSEMI-ASM3P2854C Datasheet
159Kb / 8P
   Custom Clock Generator for Fax System
MARCH 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P2855B PULSECORE-ASM3P2855B Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
logo
Integrated Circuit Syst...
ICS9248-168 ICST-ICS9248-168 Datasheet
172Kb / 14P
   AMD - K7??Clock Generator for Mobile System
ICS9248-189 ICST-ICS9248-189 Datasheet
236Kb / 15P
   AMD - K7??Clock Generator for Mobile System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com