Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8703AV Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM8703AV
Description  Clock Generator for MPEG2 System
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8703AV Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM8703AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 12Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SM8703AV
NIPPON PRECISION CIRCUITS—8
Sampling Frequency and Output Clock Frequency
The SM8703AV generates several output clocks from the 27 MHz master clock, with frequencies of 384fs
(SO2), 512fs (SO3, SO4) and 768fs (SO5), where fs is the sampling frequency selected by external control
inputs. SO1 outputs 33.8688 MHz clock. The supported sampling frequencies are 44.1 kHz and 48 kHz,
selected by the sampling frequency select pin (FSEL). The generated frequencies are shown in table 1.
Enable/Disable control
3 wire serial interface is available by using MCK(pin4), MLEN(pin5) and MDT(pin23:FSEL common) pins as
serial mode. At the serial control mode, each enable (fixed as "LOW" at disable) of output frequency can be set
to stop unnecessary outputs.
16-bit mode resister (MREG) construction in Figure 4. The name and function of each bit are shown in Table 2
and 3. Set the mode-resister D15-D10 as "011100" in the serial control.
Table 1. Sampling frequency and output clock frequency
FSEL
Sampling
frequency fs
Output clock frequency (MHz)
S O 1
S O 2
SO3, SO4
S O 5
L O W
44.1 kHz
33.8688
16.9344
22.5792
33.8688
HIGH
48 kHz
33.8688
18.4320
24.5760
36.8640
Figure 3. Serial control format
Note: RSV is fixed as LOW .
Figure 4. Mode resister construction
MLEN
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MCK
FSEL/MDT
0
1
1
1
0
0
RSV
CE5
CE4
CE3
CE2
CE1
RSV
RSV
RSV
MREG
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
RSV


Similar Part No. - SM8703AV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8703CV NPC-SM8703CV Datasheet
98Kb / 12P
   Clock Generator for DVD Players
More results

Similar Description - SM8703AV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
6P41505 RENESAS-6P41505 Datasheet
561Kb / 27P
   System Clock Generator
MAY 1, 2019
logo
PulseCore Semiconductor
ASM3P2854B PULSECORE-ASM3P2854B_1 Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
ASM3P2854B PULSECORE-ASM3P2854B Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
logo
List of Unclassifed Man...
UT8586SC ETC1-UT8586SC Datasheet
87Kb / 6P
   CLOCK GENERATOR FOR PENTIUM BASED SYSTEM
logo
PulseCore Semiconductor
ASM3P2855B PULSECORE-ASM3P2855B_1 Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
logo
ON Semiconductor
ASM3P2855D ONSEMI-ASM3P2855D Datasheet
148Kb / 7P
   Custom Clock Generator for FAX System
MARCH 2010 ??Rev. 1
ASM3P2854C ONSEMI-ASM3P2854C Datasheet
159Kb / 8P
   Custom Clock Generator for Fax System
MARCH 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P2855B PULSECORE-ASM3P2855B Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
logo
Integrated Circuit Syst...
ICS9248-168 ICST-ICS9248-168 Datasheet
172Kb / 14P
   AMD - K7??Clock Generator for Mobile System
ICS9248-189 ICST-ICS9248-189 Datasheet
236Kb / 15P
   AMD - K7??Clock Generator for Mobile System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com