Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJEC5V0V6TB Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # PJEC5V0V6TB
Description  Very Low Capacitance TVS/ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJEC5V0V6TB Datasheet(HTML) 4 Page - Pan Jit International Inc.

  PJEC5V0V6TB Datasheet HTML 1Page - Pan Jit International Inc. PJEC5V0V6TB Datasheet HTML 2Page - Pan Jit International Inc. PJEC5V0V6TB Datasheet HTML 3Page - Pan Jit International Inc. PJEC5V0V6TB Datasheet HTML 4Page - Pan Jit International Inc. PJEC5V0V6TB Datasheet HTML 5Page - Pan Jit International Inc. PJEC5V0V6TB Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PPJEC5V0V6TB
October 15,2015-REV.00
Page 4
MOUNTING PAD LAYOUT
0.016
(0.40)
0.019
(0.50)
0.019
(0.50)
ORDER INFORMATION
˙Packing information
T/R
– 4K per 7" plastic Reel


Similar Part No. - PJEC5V0V6TB

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJEC5V0V6TA PANJIT-PJEC5V0V6TA Datasheet
227Kb / 6P
   Very Low Capacitance TVS/ESD Protection
PJEC5V0V6TM PANJIT-PJEC5V0V6TM Datasheet
260Kb / 6P
   Very Low Capacitance ESD Protection
PJEC5V0V6TS PANJIT-PJEC5V0V6TS Datasheet
232Kb / 6P
   Very Low Capacitance TVS/ESD Protection
More results

Similar Description - PJEC5V0V6TB

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJEC5V0V6FN2 PANJIT-PJEC5V0V6FN2 Datasheet
217Kb / 6P
   Very Low Capacitance TVS/ESD Protection
PJEC5V0M1TS PANJIT-PJEC5V0M1TS Datasheet
231Kb / 6P
   Very Low Capacitance TVS/ESD Protection
PJEC5V0V6TA PANJIT-PJEC5V0V6TA Datasheet
227Kb / 6P
   Very Low Capacitance TVS/ESD Protection
PJEC5V0V6W PANJIT-PJEC5V0V6W Datasheet
209Kb / 6P
   Very Low Capacitance TVS/ESD Protection
PJEC5V0V6WS PANJIT-PJEC5V0V6WS Datasheet
217Kb / 6P
   Very Low Capacitance TVS/ESD Protection
PJEC3V0V1WS PANJIT-PJEC3V0V1WS Datasheet
248Kb / 5P
   Very Low Capacitance TVS/ESD Protection
logo
Rectron Semiconductor
ESD0215V0C RECTRON-ESD0215V0C Datasheet
150Kb / 5P
   Very Low Capacitance TVS/ESD Protection
logo
Pan Jit International I...
PJEC5V0V6TS PANJIT-PJEC5V0V6TS Datasheet
232Kb / 6P
   Very Low Capacitance TVS/ESD Protection
logo
Rectron Semiconductor
ESD0215V0CV RECTRON-ESD0215V0CV Datasheet
379Kb / 5P
   Very Low Capacitance TVS/ESD Protection
logo
STMicroelectronics
USBLC6-4 STMICROELECTRONICS-USBLC6-4_08 Datasheet
261Kb / 13P
   Very low capacitance ESD protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com