Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMRTB-UJB-ST3-UV3-RS3-1 Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # DMRTB-UJB-ST3-UV3-RS3-1
Description  High brightness tri-color surface mount LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DMRTB-UJB-ST3-UV3-RS3-1 Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  DMRTB-UJB-ST3-UV3-RS3-1 Datasheet HTML 1Page - DOMINANT Semiconductors DMRTB-UJB-ST3-UV3-RS3-1 Datasheet HTML 2Page - DOMINANT Semiconductors DMRTB-UJB-ST3-UV3-RS3-1 Datasheet HTML 3Page - DOMINANT Semiconductors DMRTB-UJB-ST3-UV3-RS3-1 Datasheet HTML 4Page - DOMINANT Semiconductors DMRTB-UJB-ST3-UV3-RS3-1 Datasheet HTML 5Page - DOMINANT Semiconductors DMRTB-UJB-ST3-UV3-RS3-1 Datasheet HTML 6Page - DOMINANT Semiconductors DMRTB-UJB-ST3-UV3-RS3-1 Datasheet HTML 7Page - DOMINANT Semiconductors DMRTB-UJB-ST3-UV3-RS3-1 Datasheet HTML 8Page - DOMINANT Semiconductors DMRTB-UJB-ST3-UV3-RS3-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
13/03/2014 V6.0
5
DMRTB-UJB-ST3+UV3+RS3-1 : Tri-Color
Luminous Intensity Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
60
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
Wavelength Shift Vs Forward Current
Forward Current, mA
5
10
15
20
25
30
35
40
45
50
55
-8
-6.5
-5
-3.5
-2
-0.5
1
2.5
4
5.5
7
Wavelength Distribution
Wavelength, nm
400
450
500
550
600
650
700
750
800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Forward Current Vs Forward Voltage
Forward Voltage, V
1
1.5
2
2.5
3
3.5
4
4.5
0
5
10
15
20
25
30
35
Forward Current Vs Forward Voltage
Forward Voltage, V
1
1.5
2
2.5
3
3.5
4
4.5
0
5
10
15
20
25
30
35
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
Radiation Pattern
AlInGaP
InGaN
Blue
Green
Blue
True
Green
Red
Red
Blue & True Grren
Luminous Intensity Group at Tj=25˚C
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - DMRTB-UJB-ST3-UV3-RS3-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DMRTB-UJB-ST3+UV3+RS3-1 DOMINANT-DMRTB-UJB-ST3+UV3+RS3-1 Datasheet
430Kb / 9P
   Multi LED
More results

Similar Description - DMRTB-UJB-ST3-UV3-RS3-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
D6RTB-PJG-PCN DOMINANT-D6RTB-PJG-PCN Datasheet
1Mb / 14P
   High brightness tri-color surface mount LED
D6RTB-DJD-PCN DOMINANT-D6RTB-DJD-PCN Datasheet
854Kb / 14P
   High brightness tri-color surface mount LED
D6RTB-HJD-PCN DOMINANT-D6RTB-HJD-PCN Datasheet
821Kb / 14P
   High brightness tri-color surface mount LED
logo
BRIGHT LED ELECTRONICS ...
BL-PMRTB-CJB BRIGHT-BL-PMRTB-CJB Datasheet
634Kb / 8P
   High brightness tri-color surface mount LED.
logo
DOMINANT Semiconductors
DBRTB-DJB DOMINANT-DBRTB-DJB Datasheet
926Kb / 13P
   High brightness tri-color surface mount LED
logo
BRIGHT LED ELECTRONICS ...
BL-PMSGB-GJB BRIGHT-BL-PMSGB-GJB Datasheet
154Kb / 5P
   Low brightness tri-color surface mount LED.
BL-PMRTB-SJB BRIGHT-BL-PMRTB-SJB Datasheet
253Kb / 7P
   Multi DOMILED High brightness tri-color surface mount LED.
BL-PMRTB-UJB BRIGHT-BL-PMRTB-UJB Datasheet
253Kb / 7P
   Multi DOMILED High brightness tri-color surface mount LED.
logo
DOMINANT Semiconductors
DMHG-GJ DOMINANT-DMHG-GJ Datasheet
871Kb / 12P
   High brightness bi-color surface mount LED
DKXX-NJS DOMINANT-DKXX-NJS Datasheet
1Mb / 12P
   High brightness bi-color surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com