Electronic Components Datasheet Search |
|
SM8706A Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc |
|
SM8706A Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc |
3 / 8 page SM8706A NIPPON PRECISION CIRCUITS—3 Note: Unless otherwise noted, VDD applies to VDD1, VDD2, and VDD3. Similarly, VSS applies to VSS1, VSS2, and VSS3. SPECIFICATIONS Absolute Maximum Ratings Recommended Operating Conditions VSS = VSS1 = VSS2 = VSS3 = 0V unless otherwise noted. DC Electrical Characteristics fXTAL = 36.8640MHz, VDD = 3.0V ± 0.3V, VSS = 0V, Ta = – 40 to 85 °C unless otherwise noted. Parameter Symbol Condition Rating Unit Supply voltage range VDD1 , VDD2 , VDD3 − 0.3 to 6.5 V Supply voltage deviation VDD1 – VDD2 , VDD1 – VDD3 , VDD2 – VDD3 ± 0.1 V Input voltage range VIN − 0.3 to VDD + 0.3 V Output voltage range VOUT − 0.3 to VDD + 0.3 V Power dissipation PD 165 mW Storage temperature range Tstg − 55 to 125 °C Parameter Symbol Condition Rating Unit min typ max Supply voltage ranges1, 2, 3 1. The supply voltage is defined relative to VSS = 0V 2. The supply voltages applied on VDD1, VDD2, and VDD3 should be derived from a common supply source. 3. If the supply voltages on VDD1, VDD2, and VDD3 are from different sources, they should be applied simultaneously. The SM8706A may be damaged if the supply voltage timing is different. VDD1 , VDD2 , VDD3 + 3.0 – + 3.6 V Output load capacitance 1 CL1 MO1, SO1, SO2 outputs – – 25 pF Output load capacitance 2 CL2 All outputs excluding MO1, SO1, SO2, XTO – – 15 pF Master clock frequency fXTAL When using crystal oscillator – 36.8640 – MHz Operating temperature range Topr – 40 – + 85 °C Parameter Symbol Condition Rating Unit min typ max Current consumption IDD VDD = 3.3V, Ta = 25°C, fs = 48kHz, Crystal oscillator, no load on all outputs –35 45 mA HIGH-level input voltage VIH FSEL, CE, XTI, VDD = 3.3V 0.8 VDD –– V LOW-level input voltage VIL – – 0.2 VDD V HIGH-level input current1 1. FSEL and CE pins have Schmitt-trigger input and built-in pull-up resistor. IIH1 FSEL, CE, VIN = VDD ––1 µA LOW-level input current1 IIL1 FSEL, CE, VIN = 0V – 100 – − µA HIGH-level input current IIH2 XTI, VIN = VDD – – 40 µA LOW-level input current IIL2 XTI, VIN = 0V – 40 – − µA HIGH-level output voltage VOH All outputs excluding XTO, IOH = − 2mA VDD − 0.4 – – V LOW-level output voltage VOL All outputs excluding XTO, IOL = 2mA – – 0.4 V |
Similar Part No. - SM8706A |
|
Similar Description - SM8706A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |