Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMS4404NR2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTMS4404NR2
Description  Single N?묬hannel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMS4404NR2 Datasheet(HTML) 3 Page - ON Semiconductor

  NTMS4404NR2 Datasheet HTML 1Page - ON Semiconductor NTMS4404NR2 Datasheet HTML 2Page - ON Semiconductor NTMS4404NR2 Datasheet HTML 3Page - ON Semiconductor NTMS4404NR2 Datasheet HTML 4Page - ON Semiconductor NTMS4404NR2 Datasheet HTML 5Page - ON Semiconductor NTMS4404NR2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTMS4404N
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES
TJ = 100°C
0
16
6
2
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
12
4
0
Figure 1. On−Region Characteristics
23
16
12
4
6
0
Figure 2. Transfer Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
0.01
46
0.02
0
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
14
24
0.01
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (AMPS)
−50
0
−25
25
1.4
1.2
1
0.8
0.6
50
150
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
0.05
35
TJ = −55°C
ID = 12 A
TJ = 25°C
0.025
0
75
TJ = 25°C
ID = 12 A
VGS = 10 V
4
TJ = 25°C
1.6
VGS = 10 V
210
10
25
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
15
VGS = 0 V
TJ = 150°C
TJ = 100°C
3.0 V
3.2 V
0.02
VGS = 4.5 V
100
1000
10000
10
4 V
VDS ≥ 10 V
0.04
16
18
20
0.015
10
20
3.8 V
8
3.4 V
8
4
79
8
68
10
12
30
24
20
3.6 V
VGS = 10 V to 4.2 V
20
24
0.03
22
0.005
125
100
5
8
5


Similar Part No. - NTMS4404NR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMS4404NR2 ONSEMI-NTMS4404NR2 Datasheet
73Kb / 6P
   Power MOSFET
November, 2003 ??Rev. 1
More results

Similar Description - NTMS4404NR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
   Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
80Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
   Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
   Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
   Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
logo
Dongguan Pingjingsemi T...
PJM60H04NTF PJSEMI-PJM60H04NTF Datasheet
967Kb / 7P
   Single N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com