Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP22N06 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NTP22N06
Description  N?묬hannel Enhancement?묺ode Silicon Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP22N06 Datasheet(HTML) 7 Page - ON Semiconductor

  NTP22N06 Datasheet HTML 1Page - ON Semiconductor NTP22N06 Datasheet HTML 2Page - ON Semiconductor NTP22N06 Datasheet HTML 3Page - ON Semiconductor NTP22N06 Datasheet HTML 4Page - ON Semiconductor NTP22N06 Datasheet HTML 5Page - ON Semiconductor NTP22N06 Datasheet HTML 6Page - ON Semiconductor NTP22N06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NTP22N06, NTB22N06
http://onsemi.com
7
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NTP22N06/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NTP22N06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP22N06L ONSEMI-NTP22N06L Datasheet
200Kb / 7P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
More results

Similar Description - NTP22N06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP10N40E ONSEMI-MTP10N40E Datasheet
234Kb / 8P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 1
MTP2N40E ONSEMI-MTP2N40E Datasheet
213Kb / 7P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 1
MTD6N15T4G ONSEMI-MTD6N15T4G Datasheet
125Kb / 6P
   N?묬hannel Enhancement?묺ode Silicon Gate
May, 2013 ??Rev. 5
IRF530 ONSEMI-IRF530 Datasheet
192Kb / 7P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 2
MTP3N50E ONSEMI-MTP3N50E Datasheet
236Kb / 8P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 2
NTLTD7900N ONSEMI-NTLTD7900N Datasheet
82Kb / 6P
   N?묬hannel Enhancement?묺ode Silicon Gate
October, 2005 ??Rev. 1
NTB35N15T4G ONSEMI-NTB35N15T4G Datasheet
86Kb / 8P
   N?묬hannel Enhancement?묺ode D2PAK
August, 2005 ??Rev. 5
NTP30N20G ONSEMI-NTP30N20G Datasheet
164Kb / 7P
   N?묬hannel Enhancement?묺ode TO??20
March, 2006 ??Rev. 5
NTMS4P01R2 ONSEMI-NTMS4P01R2 Datasheet
232Kb / 8P
   P?묬hannel Enhancement?묺ode Power MOSFET
August, 2006 ??Rev. 1
NTB13N10T4G ONSEMI-NTB13N10T4G Datasheet
83Kb / 8P
   100 V, 13 A, N?묬hannel Enhancement?묺ode D2PAK
August, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com