Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTR4518NT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTR4518NT1G
Description  Single N?묬hannel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTR4518NT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NTR4518NT1G Datasheet HTML 1Page - ON Semiconductor NTR4518NT1G Datasheet HTML 2Page - ON Semiconductor NTR4518NT1G Datasheet HTML 3Page - ON Semiconductor NTR4518NT1G Datasheet HTML 4Page - ON Semiconductor NTR4518NT1G Datasheet HTML 5Page - ON Semiconductor NTR4518NT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTR4518N
CONFIDENTIAL AND PROPRIETARY
NOT FOR PUBLIC RELEASE
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Units
Max
Typ
Min
Test Conditions
Symbol
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V, IS = 2.0 A
0.85
1.2
V
Reverse Recovery Time
tRR
VGS = 0 V, IS = 2.0 A,
dIS/dt = 100 A/ms
9.2
ns
Reverse Recovery Charge
QRR
4.0
nC
4. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
5. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTR4518NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR4501N ONSEMI-NTR4501N Datasheet
62Kb / 6P
   Power MOSFET 20 V, 3.2 A, Single N?묬hannel, SOT??3
March, 2005 ??Rev. 4
NTR4501N ONSEMI-NTR4501N Datasheet
116Kb / 5P
   Power MOSFET 20 V, 3.2 A, Single N?묬hannel, SOT??3
August, 2012 ??Rev. 12
NTR4501N ONSEMI-NTR4501N Datasheet
76Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 15
logo
SHIKUES Electronics
NTR4501N SKTECHNOLGY-NTR4501N Datasheet
689Kb / 4P
   N-Channel Enhancement Mode MOSFET
logo
ON Semiconductor
NTR4501NT1 ONSEMI-NTR4501NT1 Datasheet
62Kb / 6P
   Power MOSFET 20 V, 3.2 A, Single N?묬hannel, SOT??3
March, 2005 ??Rev. 4
More results

Similar Description - NTR4518NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
   Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
80Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
   Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
   Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
logo
Dongguan Pingjingsemi T...
PJM60H04NTF PJSEMI-PJM60H04NTF Datasheet
967Kb / 7P
   Single N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com