Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVC3S5A51PLZ Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVC3S5A51PLZ
Description  P-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVC3S5A51PLZ Datasheet(HTML) 1 Page - ON Semiconductor

  NVC3S5A51PLZ Datasheet HTML 1Page - ON Semiconductor NVC3S5A51PLZ Datasheet HTML 2Page - ON Semiconductor NVC3S5A51PLZ Datasheet HTML 3Page - ON Semiconductor NVC3S5A51PLZ Datasheet HTML 4Page - ON Semiconductor NVC3S5A51PLZ Datasheet HTML 5Page - ON Semiconductor NVC3S5A51PLZ Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Publication Order Number :
NVC3S5A51PLZ/D
www.onsemi.com
© Semiconductor Components Industries, LLC, 2015
December 2015 - Rev. P1
VDSS
RDS(on) Max
ID Max
60V
250mΩ@
10V
1.8A
330mΩ@
4.5V
350mΩ@
4.0V
NVC3S5A51PLZ
Automotive Power MOSFET designed to minimize gate charge and low on
resistance. AEC-Q101 qualified MOSFET and PPAP capable suitable for
automotive applications.
Features
 4V drive
 High ESD protection
 Low On-Resistance
 AEC-Q101 qualified and PPAP capable
 Pb-Free, Halogen Free and RoHS compliance
Typical Applications
 Reverse Battery Protection
 High Side Load Switch
 Automotive Body Controllers
SPECIFICATIONS
ABSOLUTE MAXIMUM RATING at Ta = 25
C (Note 1)
Parameter
Symbol
Value
Unit
Drain to Source Voltage
VDSS
60
V
Gate to Source Voltage
VGSS
20
V
Drain Current (DC) (Note 2)
ID
1.8
A
Drain Current (DC) (Note 3)
1.7
A
Drain Current (Pulse)
PW
 10s, duty cycle  1%
IDP
7.2
A
Power Dissipation
Ta=25
C(Note 2)
PD
1.2
W
Power Dissipation
Ta=25
C(Note 3)
0.8
W
Junction Temperature and
Storage Temperature
Tj, Tstg
55 to +175
C
Note 1 : Stresses exceeding those listed in the Maximum Ratings table may damage
the device. If any of these limits are exceeded, device functionality should not
be assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Value
Unit
Junction to Ambient
(Note 2)
RJA
125
C/W
(Note 3)
182
C/W
Note 2 : Surface mounted on ceramic substrate(900mm2
 0.8mm).
Note 3 : Surface mounted on FR4 board using a 92mm2, 1 oz. Cu pad.
Advance Information
Power MOSFET
60V, 250mΩ, 1.8A, P-Channel
ELECTRICAL CONNECTION
P-Channel
ORDERING INFORMATION
See detailed ordering and shipping
information on page 6 of this data sheet.
MARKING
1 : Gate
2 : Source
3 : Drain
1
2
3
This document contains information on a new product. Specifications and information
herein are subject to change without notice.
CPH3
3
2
1


Similar Part No. - NVC3S5A51PLZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVC3S5A51PLZ ONSEMI-NVC3S5A51PLZ Datasheet
576Kb / 6P
   Power MOSFET
January 2016 - Rev. 0
NVC3S5A51PLZT1G ONSEMI-NVC3S5A51PLZT1G Datasheet
576Kb / 6P
   Power MOSFET
January 2016 - Rev. 0
NVC3S5A51PLZ ONSEMI-NVC3S5A51PLZ_16 Datasheet
576Kb / 6P
   Power MOSFET
January 2016 - Rev. 0
More results

Similar Description - NVC3S5A51PLZ

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com