Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVMFD5853NWFT1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NVMFD5853NWFT1G
Description  Dual N?묬hannel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFD5853NWFT1G Datasheet(HTML) 6 Page - ON Semiconductor

  NVMFD5853NWFT1G Datasheet HTML 1Page - ON Semiconductor NVMFD5853NWFT1G Datasheet HTML 2Page - ON Semiconductor NVMFD5853NWFT1G Datasheet HTML 3Page - ON Semiconductor NVMFD5853NWFT1G Datasheet HTML 4Page - ON Semiconductor NVMFD5853NWFT1G Datasheet HTML 5Page - ON Semiconductor NVMFD5853NWFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NVMFD5853N, NVMFD5853NWF
http://onsemi.com
6
PACKAGE DIMENSIONS
DFN8 5x6, 1.27P Dual Flag (SO8FL−Dual)
CASE 506BT
ISSUE D
M
3.25
h
−−−
3.75
12
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS MEASURED
BETWEEN 0.15 AND 0.30 MM FROM THE TERMINAL TIP.
4. PROFILE TOLERANCE APPLIES TO THE EXPOSED PAD AS WELL
AS THE TERMINALS.
5. DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD FLASH,
PROTRUSIONS, OR GATE BURRS.
6. SEATING PLANE IS DEFINED BY THE TERMINALS. A1 IS DEFINED
AS THE DISTANCE FROM THE SEATING PLANE TO THE LOWEST
POINT ON THE PACKAGE BODY.
7. A VISUAL INDICATOR FOR PIN 1 MUST BE LOCATED IN THIS AREA.
12
3
4
5
6
TOP VIEW
SIDE VIEW
BOTTOM VIEW
D1
E1
h
D
E
B
A
0.20 C
0.20 C
2X
2X
DIM
MIN
MILLIMETERS
A
0.90
A1
−−−
b
0.33
c
0.20
D
5.15 BSC
D1
4.50
D2
3.90
E
6.15 BSC
E1
5.50
E2
3.90
e
1.27 BSC
G
0.45
K
0.51
L
0.48
A
0.10 C
0.10 C
14
8
e
8X
D2
b1 E2
b
A
0.10
B
C
0.05
C
L
DETAIL A
A1
c
4X
5
MAX
1.10
0.05
0.51
0.33
5.10
4.30
6.10
4.40
0.65
−−−
0.71
M
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
1.27
0.75
1.40
3.70
4.56
8X
N
1.80
2.20
7
8
N
PITCH
6.59
4.84
1.00
DIMENSION: MILLIMETERS
PIN ONE
IDENTIFIER
NOTE 7
NOTE 4
C SEATING
PLANE
DETAIL A
NOTE 6
4X
K
NOTE 3
2.30
4X
0.70
5.55
4X
0.56
2X
D3
1.50
1.90
b1
0.33
0.51
4X
D3
G
4X
DETAIL B
DETAIL B
ALTERNATE
CONSTRUCTION
2.08
2X
K1
0.56
−−−
K1
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NVMFD5853N/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NVMFD5853NWFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFD5853NL ONSEMI-NVMFD5853NL Datasheet
126Kb / 6P
   Power MOSFET 40 V, 10 m, 34 A, Dual N.Channel Logic Level, Dual SO.8FL
April, 2013 ??Rev. 3
NVMFD5853NL ONSEMI-NVMFD5853NL Datasheet
81Kb / 6P
   Power MOSFET
September, 2014 ??Rev. 4
NVMFD5853NLT1G ONSEMI-NVMFD5853NLT1G Datasheet
126Kb / 6P
   Power MOSFET 40 V, 10 m, 34 A, Dual N.Channel Logic Level, Dual SO.8FL
April, 2013 ??Rev. 3
NVMFD5853NLT1G ONSEMI-NVMFD5853NLT1G Datasheet
81Kb / 6P
   Power MOSFET
September, 2014 ??Rev. 4
NVMFD5853NLWF ONSEMI-NVMFD5853NLWF Datasheet
126Kb / 6P
   Power MOSFET 40 V, 10 m, 34 A, Dual N.Channel Logic Level, Dual SO.8FL
April, 2013 ??Rev. 3
More results

Similar Description - NVMFD5853NWFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLUS3A90PZC ONSEMI-NTLUS3A90PZC Datasheet
138Kb / 6P
   Power MOSFET Dual N?묬hannel
May, 2013 ??Rev. 0
NVMFD5875NL ONSEMI-NVMFD5875NL Datasheet
82Kb / 6P
   Dual N?묬hannel Power MOSFET
November, 2015 ??Rev. P1
NVDD5894NL ONSEMI-NVDD5894NL Datasheet
125Kb / 6P
   Dual N?묬hannel Power MOSFET
December, 2013 ??Rev. 0
NVMFD5483NL ONSEMI-NVMFD5483NL Datasheet
86Kb / 6P
   Power MOSFET Dual N?묬hannel
May, 2015 ??Rev. 3
NTLUD4C26N ONSEMI-NTLUD4C26N Datasheet
131Kb / 7P
   Power MOSFET Dual N?묬hannel
October, 2015 ??Rev. 0
NTMFS4957N ONSEMI-NTMFS4957N Datasheet
122Kb / 7P
   Power MOSFET Dual N?묬hannel
January, 2014 ??Rev. 1
NTMFS5C404NLT ONSEMI-NTMFS5C404NLT Datasheet
127Kb / 6P
   Power MOSFET Dual N?묬hannel
May, 2015 ??Rev. 0
NVJD5121N ONSEMI-NVJD5121N Datasheet
69Kb / 5P
   Power MOSFET Dual N?묬hannel
June, 2014 ??Rev. 0
NTMFS5C430NL ONSEMI-NTMFS5C430NL Datasheet
126Kb / 6P
   Power MOSFET Dual N?묬hannel
July, 2015 ??Rev. 0
NTTFS4C10N ONSEMI-NTTFS4C10N Datasheet
119Kb / 7P
   Power MOSFET Dual N?묬hannel
May, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com