Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR5323-UB Datasheet(PDF) 3 Page - AUK corp

Part # SR5323-UB
Description  Ultra Brightness LED Lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SR5323-UB Datasheet(HTML) 3 Page - AUK corp

  SR5323-UB Datasheet HTML 1Page - AUK corp SR5323-UB Datasheet HTML 2Page - AUK corp SR5323-UB Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
KLR-0005-000
3
SR5323-U / SR5323-U(B)
Characteristic Diagrams
Fig.4 Spectrum Distribution
Fig. 3 IF – Ta
Fig. 2 IV - IF
Fig. 1 IF - VF
Ambient Temperature Ta [℃]
Wavelength λ [nm]
Forward Voltage VF [V]
Forward Current IF [mA]
Relative Luminous Intensity Iv [%]
Fig. 5-1 Radiation Diagram(X)
100
0
50
50
100
Fig. 5-2 Radiation Diagram(Y)
100
50
0
50
100
Relative Luminous Intensity Iv [%]


Similar Part No. - SR5323-UB

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR53 MOSPEC-SR53 Datasheet
227Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(5.0A,20-60V)
logo
Zibo Seno Electronic En...
SR530 ZSELEC-SR530 Datasheet
98Kb / 2P
   5.0A SCHOTTKY BARRIER DIODE
logo
Jinan Jingheng (Group) ...
SR530 JINANJINGHENG-SR530 Datasheet
75Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
logo
ASEMI TECHNOLOGY., LTD
SR530 ASEMI-SR530 Datasheet
62Kb / 2P
   axial ultra-fast recovery diode
2018.11 Rev.3.1
logo
First Components Intern...
SR530 FCI-SR530 Datasheet
129Kb / 1P
   5.0 Amp SCHOTTKY BARRIER RECTIFIERS MEETS UL SPECIFICATION 94V-0
More results

Similar Description - SR5323-UB

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LOU5020 LUXPIA-LOU5020 Datasheet
142Kb / 7P
   Ultra Brightness LED Lamp
LGH5090 LUXPIA-LGH5090 Datasheet
134Kb / 6P
   Ultra Brightness LED Lamp
logo
Bright View Electronic ...
BVU-3P0QT4 BVLED-BVU-3P0QT4 Datasheet
240Kb / 4P
   ULTRA BRIGHTNESS LED LAMP
BVU-5M5WI4 BVLED-BVU-5M5WI4 Datasheet
193Kb / 5P
   ULTRA BRIGHTNESS LED LAMP
BVU-3X16WI4 BVLED-BVU-3X16WI4 Datasheet
194Kb / 5P
   ULTRA BRIGHTNESS LED LAMP
BVU-5E1BA4 BVLED-BVU-5E1BA4 Datasheet
326Kb / 5P
   ULTRA BRIGHTNESS LED LAMP
BVU-5E1GN4 BVLED-BVU-5E1GN4 Datasheet
251Kb / 5P
   ULTRA BRIGHTNESS LED LAMP
BVU-5K5QT4 BVLED-BVU-5K5QT4 Datasheet
240Kb / 4P
   ULTRA BRIGHTNESS LED LAMP
BVU-3P0TT4 BVLED-BVU-3P0TT4 Datasheet
239Kb / 4P
   ULTRA BRIGHTNESS LED LAMP
BVU-3R2TT4 BVLED-BVU-3R2TT4 Datasheet
251Kb / 3P
   ULTRA BRIGHTNESS LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com