Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK681-332-E Datasheet(PDF) 6 Page - ON Semiconductor

Part # STK681-332-E
Description  Forward/Reverse Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK681-332-E Datasheet(HTML) 6 Page - ON Semiconductor

Back Button STK681-332-E Datasheet HTML 2Page - ON Semiconductor STK681-332-E Datasheet HTML 3Page - ON Semiconductor STK681-332-E Datasheet HTML 4Page - ON Semiconductor STK681-332-E Datasheet HTML 5Page - ON Semiconductor STK681-332-E Datasheet HTML 6Page - ON Semiconductor STK681-332-E Datasheet HTML 7Page - ON Semiconductor STK681-332-E Datasheet HTML 8Page - ON Semiconductor STK681-332-E Datasheet HTML 9Page - ON Semiconductor STK681-332-E Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
STK681-332-E
No. A1591-6/14
Sample Application Circuit
Motor Drive Conditions
(H: High-level input; L: Low-Level Input)
IN1
IN2
ENABLE
Remarks
Stop
H
L
L
Turns the power supply OFF.
ENABLE must be set Low when VDD is rising
or falling.
L
H
L
H
H
L
Forward (CW)
H
L
H
No input signal is needed that turns off the
upper- and lower-side drive devices when
switching the rotational direction.
Reverse (CCW)
L
H
H
Brake
L
L
L or H
GND side MOSFET ON
H
H
H
VCC side MOSFET ON
* Output control is enabled by applying an external PWM signal to the ENABLE pin.
The product can run at a minimum external PWM pulse width of 1
s. In the case when the high pulse width is less
than 16
s, however, the IC may fail to detect a short-circuit condition when an output short-circuit occurs.
If VDD is turned off in the condition with the ENABLE pin set to high during motor rotation or PWM operation, the
FAULT signal is output when VDD is falling, indicating error condition. For this reason, ENABLE must be set to low
when VDD is rising or falling.
When both IN1 and IN2 are set low, the MOSFET on the VCC side is driven. To minimize the loss when stopped, set
IN1 = IN2 = High and ENABLE = Low to turn off the gate signal to the VCC side MOSFETs.
Setting the current limit using the Vref pin
Output current peak (Iop) = (Vref
 4.9)  Rs
“4.9” in the above formula indicates the portion of the Vref voltage that is divided using the circuit inside the control
IC.
Vref = (R2
 (R1+R2))  VDD
Rs is the external current detection resistance value of the HIC, and Vref ≤ 2.0V must be satisfied so that overcurrent
detection is not triggered.
15
16
17
18
13
19
9
7
8
12
6
4
10
3
2
14
VDD (5V)
IN1
IN2
ENABLE
(DC or PWM)
Vref
S.GND
GND
N.C
Motor
VCC=24V
OUT1
OUT2
C1
47
F to /50V
10
F/50V
C2
STK681-332-E
CCW
CW
11
5
N.C
1
FAULT
Rs
R1
R2
C3
0.1
F
N.C


Similar Part No. - STK681-332-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK681-332-E SANYO-STK681-332-E Datasheet
107Kb / 14P
   Thick-Film Hybrid IC Forward/Reverse Motor Driver
STK681-332-E SANYO-STK681-332-E Datasheet
181Kb / 14P
   Forward/Reverse Motor Driver
STK681-332-E-D SANYO-STK681-332-E-D Datasheet
181Kb / 14P
   Forward/Reverse Motor Driver
STK681-332-E SANYO-STK681-332-E_11 Datasheet
181Kb / 14P
   Forward/Reverse Motor Driver
More results

Similar Description - STK681-332-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
STK681-310 ONSEMI-STK681-310 Datasheet
97Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
LV8086T ONSEMI-LV8086T Datasheet
73Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
LV8417CS ONSEMI-LV8417CS Datasheet
168Kb / 5P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8400V SANYO-LV8400V Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
ENA0760-D SANYO-ENA0760-D Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
ENA0762-D SANYO-ENA0762-D Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
LV8014T SANYO-LV8014T_09 Datasheet
107Kb / 6P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8019V-TLM-E ONSEMI-LV8019V-TLM-E Datasheet
84Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8401V SANYO-LV8401V_08 Datasheet
136Kb / 6P
   Forward/Reverse Motor Driver
LV8417CS SANYO-LV8417CS Datasheet
210Kb / 5P
   Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com