Electronic Components Datasheet Search |
|
BELASIGNA200 Datasheet(PDF) 8 Page - ON Semiconductor |
|
BELASIGNA200 Datasheet(HTML) 8 Page - ON Semiconductor |
8 / 43 page BelaSigna 200 4.1.2. QFN Pad Out Pad # Pad Name Pad Function I/O U/D 1 CAP0 Charge pump capacitor pin 0 N/A N/A 2 VDBL Double voltage O N/A 3 A|0 Audio signal input to ADC0 I N/A 4 A|1/LOUT Audio signal input to ADC0/line level output signal from preamp 0 I/O N/A 5 A|R Reference voltage for microphone N/A N/A 6 A|2 Audio signal input to ADC1 I N/A 7 A|3 Audio signal input to ADC1 I N/A 8 VREG Regulated voltage for microphone bias O N/A 9 AGND Analog ground N/A N/A 10 AI_RC Remote control input I N/A 11 AOR Reference voltage for DAC N/A N/A 12 AO1/RCVR1- Audio signal output from DAC1/output from direct digital drive 1- O N/A 13 AO0/RCVR1+ Audio signal output from DAC0/output from direct digital drive 1+ O N/A Pad # Pad Name Pad Function I/O U/D 14 VBAT Positive power supply I N/A 15 RCVR0- Output from direct digital drive 0 O N/A 16 RCVR0+ Output from direct digital drive 0 O N/A 17 RCVRGND Receiver return current N/A N/A 18 GPIO[3]/ NCLK_DIV_RESET/I2S_FA General-purpose I/O/clock divider reset/I2S interface analog blocks frame output I/O U 19 GPIO[2]/I2S_INA General-purpose I/O/I2S interface analog blocks input I/O U 20 GPIO[1]/I2S_IND General-purpose I/O/I2S interface analog blocks input I/O U 21 GPIO[0]/I2S_FD General-purpose I/O/I2S interface digital blocks frame I/O U 22 VDDO Digital pads supply input I N/A 23 GNDO Digital pads ground N/A N/A 24 EXT_CLK External clock input/internal clock output I/O U 25 DEBUG_RX Debug port receive I U 26 DEBUG_TX Debut port transmit O U Pad # Pad Name Pad Function I/O U/D 27 RESERVED N/A N/A 28 TWSS_SDA TWSS data I/O U 29 TWSS_CLK TWSS clock I U 30 GNDC Core logic ground N/A N/A 31 VDDC Core logic, EEPROM and pad supply output O N/A 32 SPI_SERO Serial peripheral interface serial data out I/O D 33 SPI_SERI Serial peripheral interface serial data in I U 34 SPI_CS Serial peripheral interface chip select I/O D 35 SPI_CLK Serial peripheral interface clock I/O N/A 36 GPIO[15] General-purpose I/O I/O U 37 GPIO[14]/PCM_FRAME General-purpose I/O/PCM interface frame I/O U 38 GPIO[13]/PCM_OUT General-purpose I/O/PCM interface output I/O U 39 GPIO[12]/PCM_IN General-purpose I/O/PCM interface input I/O U Pad # Pad Name Pad Function I/O U/D 40 N/C No connection N/A N/A 41 N/C No connection N/A N/A 42 GPIO[11]/PCM_CLK General-purpose I/O/PCM interface clock I/O U 43 GNDO Digital pads ground N/A N/A 44 VDDO Digital pads supply input I N/A 45 GPIO[10]/DCLK General-purpose I/O/class D receiver clock I/O U 46 LSAD[5]/GPIO[9]/UART_RX Low-speed A/D/general-purpose I/O/general-purpose UART receive I/O U 47 LSAD[4]/GPIO[8]/UART_TX Low-speed A/D input/general-purpose I/O/general- purpose UART transmit I/O U 48 LSAD[3]/GPIO[7] Low-speed A/D input/general purpose I/P I/O U 49 LSAD[2]/GPIO[6] Low-speed A/D input/general purpose I/P I/O U 50 LSAD[1]/GPIO[5]/I2S_OUTA Low-speed A/D inputs/general-purpose I/O/I2S interface analog blocks output I/O U 51 LSAD[0]/GPIO[4]/I2S_OUTD Low-speed A/D inputs/general-purpose I/O/I2S interface analog blocks output I/O U 52 CAP1 Charge pump capacitor pin 1 N/A N/A Rev. 16 | Page 8 of 43 | www.onsemi.com |
Similar Part No. - BELASIGNA200 |
|
Similar Description - BELASIGNA200 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |