Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH3448-TL-H Datasheet(PDF) 2 Page - ON Semiconductor

Part # CPH3448-TL-H
Description  Single N-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH3448-TL-H Datasheet(HTML) 2 Page - ON Semiconductor

  CPH3448-TL-H Datasheet HTML 1Page - ON Semiconductor CPH3448-TL-H Datasheet HTML 2Page - ON Semiconductor CPH3448-TL-H Datasheet HTML 3Page - ON Semiconductor CPH3448-TL-H Datasheet HTML 4Page - ON Semiconductor CPH3448-TL-H Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CPH3448
No. A1648-2/5
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0V
1
mA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
mA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
0.4
1.3
V
Forward Transfer Admittance
| yfs |
VDS=10V, ID=2A
3.4
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=2A, VGS=4.5V
38
50
m
RDS(on)2
ID=1A, VGS=2.5V
51
72
m
RDS(on)3
ID=0.5A, VGS=1.8V
80
130
m
Input Capacitance
Ciss
VDS=10V, f=1MHz
430
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
59
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
38
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
10
ns
Rise Time
tr
See specified Test Circuit.
41
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
36
ns
Fall Time
tf
See specified Test Circuit.
37
ns
Total Gate Charge
Qg
VDS=15V, VGS=4.5V, ID=4A
4.7
nC
Gate-to-Source Charge
Qgs
VDS=15V, VGS=4.5V, ID=4A
0.8
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=15V, VGS=4.5V, ID=4A
1.1
nC
Diode Forward Voltage
VSD
IS=4A, VGS=0V
0.82
1.2
V
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
CPH3448-TL-H
CPH3
3,000pcs./reel
Pb-Free and Halogen Free
CPH3448-TL-W
PW=10
ms
D.C.
≤1%
4.5V
0V
VIN
P.G
50
G
S
ID=2A
RL=7.5Ω
VDD=15V
VOUT
VIN
D
CPH3448
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - CPH3448-TL-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3448-TL-H SANYO-CPH3448-TL-H Datasheet
548Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - CPH3448-TL-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS6H800N ONSEMI-NTMFS6H800N Datasheet
141Kb / 6P
   MOSFET ??Power, Single, N-Channel
May, 2019 ??Rev. 1
MCH6431 ONSEMI-MCH6431 Datasheet
382Kb / 5P
   Single N-Channel Power MOSFET
March 2015 - Rev. 3
NTMFS6B03N ONSEMI-NTMFS6B03N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
February, 2015 ??Rev. 1
NVTFS4C08N ONSEMI-NVTFS4C08N Datasheet
92Kb / 6P
   Single N- Channel Power MOSFET
July, 2014 ??Rev. 1
NVMFS6B14N ONSEMI-NVMFS6B14N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
October, 2015 ??Rev. 0
NVMFS5C426NL ONSEMI-NVMFS5C426NL Datasheet
186Kb / 7P
   MOSFET ??Power, Single N-Channel
September, 2019 ??Rev. 1
NVMFS6H864N ONSEMI-NVMFS6H864N Datasheet
189Kb / 7P
   MOSFET - Power, Single N-Channel
June, 2020 ??Rev. 2
NTMFS005N10MCL ONSEMI-NTMFS005N10MCL Datasheet
137Kb / 6P
   MOSFET ??Power, Single N-Channel
November, 2020 ??Rev. 0
CPH3459 ONSEMI-CPH3459 Datasheet
462Kb / 5P
   Single N-Channel Power MOSFET
August, 2014
SCH1435 ONSEMI-SCH1435 Datasheet
523Kb / 5P
   Single N-Channel Power MOSFET
August 2015 - Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com