Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC-350R2U Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TC-350R2U
Description  2U/3U Redundant Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TC-350R2U Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TC-350R2U Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-350R2U Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-350R2U Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-350R2U Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-350R2U Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-350R2U Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-350R2U Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-350R2U Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BUZZER
A warning buzzer sounds when any one of the power supplies
fails. The warning buzzer is reset table from reset switch either
the one in front control panel or the one on the rear side.
LED’S
The warning LED’S can be found either on the rear side or the
control panel of the power system. Tells if one of the two power
supplies has failed, by LED blinking.
HOT-PLUGGABLE
The power system provides a Hot-Pluggable function.
This method allows the power units in the Disk Array/
File Server to be removed or inserted very easily without
9. HOT-SWAP PROCEDURES
Please refer to the followings when either one power supply unit is fount defective.
A) Locate the defective power supply by examining the individual LED on the
power unit or the LED on the front control panel if LED is Blinking.
B) Unlock & Remove the defective power supply unit.
C) Replace a new GOOD power supply unit, Insert the power supply into the
power system chassis in position & it will auto Lock-up.
D) Turn on the new power supply unit.
E) Check the module LED which indicate the power and LED of total power
system status, Both LED shall Have steady life.
10. DIMENSION
TC-XXXR2U
L 280 x W101 x H 84 mm


Similar Part No. - TC-350R2U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-350R2UH ETC2-TC-350R2UH Datasheet
300Kb / 8P
   1U Redundant Power Supply
More results

Similar Description - TC-350R2U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-600RVN2 ETC2-TC-600RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
TC-650RVN2 ETC2-TC-650RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
TC-700RVN2 ETC2-TC-700RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
TC-400R2U ETC2-TC-400R2U Datasheet
400Kb / 8P
   2U/3U Redundant Power Supply
R2A-460D1V2 ETC2-R2A-460D1V2 Datasheet
337Kb / 12P
   460W460W 2/3U Redundant Power Supply.
R2A-550D1V2 ETC2-R2A-550D1V2 Datasheet
336Kb / 12P
   550W550W 2/3U Redundant Power Supply.
R2A-600D1V2 ETC2-R2A-600D1V2 Datasheet
321Kb / 12P
   600W600W 2/3U Redundant Power Supply.
R2A-650D1V2 ETC2-R2A-650D1V2 Datasheet
339Kb / 12P
   650W650W 2/3U Redundant Power Supply.
R2A-500D1V2 ETC2-R2A-500D1V2 Datasheet
319Kb / 12P
   500W500W 2/3U Redundant Power Supply.
EFRP-P2A50S ETC2-EFRP-P2A50S Datasheet
334Kb / 2P
   2U 1500W 11 Redundant Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com