Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC-400R2U Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TC-400R2U
Description  2U/3U Redundant Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TC-400R2U Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TC-400R2U Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-400R2U Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-400R2U Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-400R2U Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-400R2U Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-400R2U Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-400R2U Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-400R2U Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3.4 NO LOAD OPERATION
No parts shall be damaged on the power supply.
4. ENVIRONMENT TEMPERATURE
4.1 Operation Temperature: 0℃ to 40℃
4.2 Cooling: By forced air
4.3 Storage Temperature:-20℃ to 70℃
4.4 Humidity: 5 to 90﹪non-condensing.
5. RELIABILITY
5.1 MTBF OF POWER SUPPLY ELECTRONIS
100,000 hours at full load and 25℃ ambient temperature
5.2 LIFE EXPECTANCY OF FAN
40,000 hours at 40℃
6. AGENCY APPROVALS
UL 60950-1, 2
nd Edition
TUV ( EN60950-1: 2006+A11+A1+A12)
IEC 60950-1: 2005+A1
C-Tick AS/NS CISPR 22: 2006 (Class A) / CISPR 22: 2008 (Ed 6.0)
BSMI CNS14336-1, CNS13438
CCC GB4943.1-2011
7. EMI /RFI
FCC part 15, Class A (Verification) IC ICES-003
EN55022 : 2006+A1: 2007 (Class A)
EN55024 : 1998+A1: 2001+A2: 2003
EN61000-3-2: 2006
EN61000-3-2: 2008
IEC61000-4-2, -3, -4, -5, -6, -8, -11
8. INSTRUCTIONS
The set still works properly even if either unit is removed. The removed unit can’t
be used in other machinery nor for other purpose. When one unit breaks down, it’s
LED will blink, buzzer will sound. Push the Reset button and buzzer will stop.
REDUNDANCY
Offer redundant function for power system and mutually backs
up the outputs. A zero transfer time when backup takes place.
HOT-SWAP
The power system provides a Hot-Swap function. This means
when either one of the redundant power supplies fails or breaks
down, you can easily replace failed unit without any interference
to the system.


Similar Part No. - TC-400R2U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-400R2UH ETC2-TC-400R2UH Datasheet
299Kb / 8P
   1U Redundant Power Supply
More results

Similar Description - TC-400R2U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-600RVN2 ETC2-TC-600RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
TC-650RVN2 ETC2-TC-650RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
TC-700RVN2 ETC2-TC-700RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
TC-350R2U ETC2-TC-350R2U Datasheet
380Kb / 8P
   2U/3U Redundant Power Supply
R2A-460D1V2 ETC2-R2A-460D1V2 Datasheet
337Kb / 12P
   460W460W 2/3U Redundant Power Supply.
R2A-550D1V2 ETC2-R2A-550D1V2 Datasheet
336Kb / 12P
   550W550W 2/3U Redundant Power Supply.
R2A-600D1V2 ETC2-R2A-600D1V2 Datasheet
321Kb / 12P
   600W600W 2/3U Redundant Power Supply.
R2A-650D1V2 ETC2-R2A-650D1V2 Datasheet
339Kb / 12P
   650W650W 2/3U Redundant Power Supply.
R2A-500D1V2 ETC2-R2A-500D1V2 Datasheet
319Kb / 12P
   500W500W 2/3U Redundant Power Supply.
EFRP-P2A50S ETC2-EFRP-P2A50S Datasheet
334Kb / 2P
   2U 1500W 11 Redundant Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com