Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC-600PF Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TC-600PF
Description  AC Input Voltage: 100~240V (Active PFC) Frequency: 47 to 63 Hz..
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TC-600PF Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TC-600PF Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-600PF Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-600PF Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-600PF Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P24
14
16
15
17
13
18
19
21
20
22
23
24
1
2
4
3
5
9
7
8
6
11
12
10
PURPLE(+3.3V)
RED(+5V)
Pin
No.
WIRE
COLOR
Pin
No.
ORANGE(PG)
BROWN(+5VSB)
WHITE(-5V)
BLUE(-12V)
YELLOW(+12V)
GRAY(PS-ON)
WIRE
COLOR
BLACK(GND)
570mm/18AWG
570mm/22AWG
570mm/18AWG
570mm/20AWG
570mm/18AWG
570mm/18AWG
LENGTH
LENGTH
TERMINAL:AMP 60619-4 or equivalent
4Pins(HD/CD-ROM/RW):P4H1~P4H4
COM
LENGTH
WIRE
SIZE
SIGNAL
WIRE
COLOR
Pin
No.
3
4
2
1
18AWG
18AWG
18AWG
18AWG
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
Connector HOUSING: AMP 480424-0 or equivalent
P4H1
COM
COM
BLACK
580mm ±15mm
LENGTH
WIRE
TYPE
SIGNAL
WIRE
COLOR
Pin
No.
3
4
2
1
18AWG
18AWG
18AWG
18AWG
BLACK
YELLOW
+12V
YELLOW
+12V
4Pins(ATX12V,FOR P4)
Connector HOUSING: MOLEX 39-01-0280 or equivalent
TERMINAL: MOLEX 39-00-0060 or equivalent
Housing
Housing
Housing
P4
570mm/18AWG
570mm/18AWG
PURPLE(+3.3V)
PURPLE(+3.3V)
PURPLE(+3.3Vs)
BLACK(GND)
BLACK(GND)
RED(+5V)
YELLOW(+12V)
PURPLE(+3.3V)
BLACK(GND)
BLACK(GND)
BLACK(GND)
BLACK(GND)
BLACK(GND)
RED(+5V)
RED(+5V)
RED(+5V)
570mm/18AWG
570mm/18AWG
570mm/18AWG
570mm/18AWG
570mm/18AWG
Connector HOUSING: MOLEX 39-01-2240 or equivalent
24Pins(EPS12V)
TERMINAL: MOLEX 39-00-0039 or equivalent
COM
3
4
2
1
18AWG
18AWG
18AWG
18AWG
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
P4H2
P4H5
P4H3
150mm ±15mm
MODEL NO
品名
PART NO
料號
mm
OF
DATE
日期
SHEET
編號
DRAW NO
圖號
UNITS
單位
DRAW BY.
繪圖者
CHECK BY.
審核者
APPROVE BY.
核准者
第三角法
PROJECTION:
MATERIAL
材料規格
投影法:
容許公差:
.X=
.XX=
.XXX=
TOLEANCES:
SURE STAR
2010,12,23
570mm/18AWG
570mm/18AWG
570mm/18AWG
570mm/18AWG
570mm/18AWG
570mm/18AWG
570mm/18AWG
570mm/18AWG
570mm/18AWG
570mm/18AWG
570mm/18AWG
Connector HOUSING: MOLEX 39-01-0280 or equivalent
8Pins(EPS12V)
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
1
2
4
3
5
COM
+12V
7
8
6
Pin
No.
WIRE
COLOR
SIGNAL
WIRE
TYPE
LENGTH
BLACK
BLACK
580mm ±15mm
BLACK
BLACK
YELLOW
YELLOW
YELLOW
YELLOW
COM
COM
COM
+12V
+12V
+12V
TERMINAL: MOLEX 39-00-0060 or equivalent
Housing
P8
530mm ±15mm
TERMINAL: AMP 170262-2 or equivalent
4Pins(FLOPPY DISK):P4F
Connector HOUSING: AMP 171822-4 or equivalent
P4H4
03
P4F1
150mm ±15mm
22AWG
22AWG
22AWG
22AWG
COM
3
4
2
1
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
TC-XXXPF HARNESS
570mm/18AWG
Pin
No.
LENGTH
HOUSING
S1
WIRE
COLOR
Orange/Orang
e 530mm±15mm
530mm±15mm
530mm±15mm
530mm±15mm
530mm±15mm
S2
150mm±15mm
150mm±15mm
150mm±15mm
150mm±15mm
150mm±15mm
1
2
3
4
5
1
2
3
4
5
S.ATA-530L+ S.ATA-150L
PIN8
PIN4
PIN1
PIN5
PIN4
PIN2
PIN1
PIN3
PIN4
PIN3
PIN2
PIN1
PIN4
PIN3
PIN2
PIN1
P8
P4
L=150mm±15mm
L=530mm±15mm
L=580mm±15mm
L=580mm±15mm
L=570mm±15mm
P4H2
P4H1
PIN4
PIN3
PIN2
PIN1
PIN4
PIN3
PIN2
PIN1
L=150mm±15mm
L=530mm±15mm
P4H4
P4H3
PIN13
PIN1
PIN12
PIN24
P24
L=530mm±15mm
L=150mm±15mm
4
3
2
1
5
(1-3)
(4-6)
(7-9)
(10-12)
(13-15)
4
3
2
1
5
(1-3)
(4-6)
(7-9)
(10-12)
(13-15)
S1
S2
PIN4
PIN1
PIN4
PIN3
PIN2
PIN1
P4F1
P4H7
P4H8
PIN4
PIN3
PIN2
PIN1
L=150mm±15mm
L=150mm±15mm
L=530mm±15mm
WIRE OUTPUT FROM PSU CASE
Black/Black
Red / Red
Orange/Orange
Black/Black
Orange
Black
Red
Black
Yellow
P4H6
PIN4
PIN3
PIN2
PIN1
PIN4
PIN3
PIN2
PIN1
L=150mm±15mm
L=530mm±15mm
P4H6
P4H5
P4H8
P4H7


Similar Part No. - TC-600PF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-600RVN2 ETC2-TC-600RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
More results

Similar Description - TC-600PF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-550PA ETC2-TC-550PA Datasheet
159Kb / 4P
   AC Input Voltage: 90~264V (Active PFC) Frequency: 47 to 63 Hz..
logo
TiMOTION Technology Co....
TP5P TIMOTION-TP5P Datasheet
313Kb / 3P
   Input voltage 100~240V AC
20220209-F
TP2N TIMOTION-TP2N Datasheet
246Kb / 3P
   Input voltage 100~240V AC
20170607-A
TP2S TIMOTION-TP2S Datasheet
179Kb / 3P
   Input voltage 100~240V AC
20211013-B
TP2P TIMOTION-TP2P Datasheet
261Kb / 3P
   Input voltage 100~240V AC
20231219-E
TP7 TIMOTION-TP7 Datasheet
461Kb / 5P
   Input voltage 100~240V AC
20160623-E
TP7M TIMOTION-TP7M Datasheet
414Kb / 5P
   Input voltage 100~240V AC
20200603-D
TC21 TIMOTION-TC21 Datasheet
215Kb / 3P
   Input voltage 100-240V AC
20231016-K
TP11 TIMOTION-TP11 Datasheet
508Kb / 5P
   Input voltage 100~240V AC
20220209-D
TP2 TIMOTION-TP2 Datasheet
382Kb / 3P
   Input voltage 100~240V AC
20230919-J
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com