Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC-600PF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TC-600PF
Description  AC Input Voltage: 100~240V (Active PFC) Frequency: 47 to 63 Hz..
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TC-600PF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TC-600PF Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-600PF Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-600PF Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-600PF Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURE STAR COMPUTER CO., LTD
NO.2-1,DAAN ROAD, SHULIN .DIST., NEW TAIPEI CITY 238 , TAIWAN.
E-mail: info@surestar.com.tw
Tel : +886 2 2682 2 505
http: //www.surestar.com.tw
Fax: +886 2 2682 2515
Model: TC-600PF ( ATX PS II 600W )
1. Specification
AC Input Voltage: 100~240V (Active PFC)
Frequency: 47 to 63 Hz..
DC Output: 600W maximum
Output
Output
Output
Output
Output
Voltage:
+5V DC
+12V DC
-5V DC
-12V DC
+3.3V DC
Maximum Load:
30A
V1:18A / V2:18A
0.8A
1A
30A
Minimum Load:
0.5A
0.5A / 0.5A
0A
0A
0.5A
Ripple:
50mv
120mv
50mv
120mv
40mv
Ripple/Noise:
100mv
150mv
100mv
240mv
40mv
Line Regulation:
±1﹪
±1﹪
±1﹪
±1﹪
±1﹪
Output Regulation:
±5﹪
±5﹪
±10﹪
±10﹪
±5﹪
Cross Regulation:
±5﹪
±5﹪
±10﹪
±10﹪
±5﹪
+5VSB: 2A
2. Hold-up time (Typ.):
16ms at maximum load & normal input voltage
3. RISE TIME:
20ms at full Load
4. Efficiency: 78% TYPICAL (Normal Line)
5. FUNCTION
5.1 REMOTE ON/OFF CONTROL:
Power off: PS-ON = 2V min.
Power on: PS-ON = 0.8V max.
5.2 POWER GOOD SIGNAL:
ON DELAY 100 ms ~ 500 ms
5.3 POWER FAIL DELAY:
>1msec.


Similar Part No. - TC-600PF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-600RVN2 ETC2-TC-600RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
More results

Similar Description - TC-600PF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-550PA ETC2-TC-550PA Datasheet
159Kb / 4P
   AC Input Voltage: 90~264V (Active PFC) Frequency: 47 to 63 Hz..
logo
TiMOTION Technology Co....
TP5P TIMOTION-TP5P Datasheet
313Kb / 3P
   Input voltage 100~240V AC
20220209-F
TP2N TIMOTION-TP2N Datasheet
246Kb / 3P
   Input voltage 100~240V AC
20170607-A
TP2S TIMOTION-TP2S Datasheet
179Kb / 3P
   Input voltage 100~240V AC
20211013-B
TP2P TIMOTION-TP2P Datasheet
261Kb / 3P
   Input voltage 100~240V AC
20231219-E
TP7 TIMOTION-TP7 Datasheet
461Kb / 5P
   Input voltage 100~240V AC
20160623-E
TP7M TIMOTION-TP7M Datasheet
414Kb / 5P
   Input voltage 100~240V AC
20200603-D
TC21 TIMOTION-TC21 Datasheet
215Kb / 3P
   Input voltage 100-240V AC
20231016-K
TP11 TIMOTION-TP11 Datasheet
508Kb / 5P
   Input voltage 100~240V AC
20220209-D
TP2 TIMOTION-TP2 Datasheet
382Kb / 3P
   Input voltage 100~240V AC
20230919-J
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com