Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC-1350RVN3 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TC-1350RVN3
Description  1350W Redundant Power Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TC-1350RVN3 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TC-1350RVN3 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-1350RVN3 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-1350RVN3 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-1350RVN3 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-1350RVN3 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC-1350RVN3 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC-1350RVN3 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC-1350RVN3 Datasheet HTML 12Page - List of Unclassifed Manufacturers TC-1350RVN3 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
3.7.2. Buzzer status
POWER SUPPLY CONDITION
Buzzer status
No AC power to all PSU
OFF
AC present/Only Standby Output On
OFF
Power supply DC outputs ON and OK
OFF
Power supply failure
Beeping
3.7.3. LED indicator status
3.7.4. TTL signal
POWER SUPPLY CONDITION
OUTPUT CONDITION
NORMAL
HIGH
FAILURE
LOW
3.8 Load sharing
3.8.1. Forced Load Sharing
The +3.3V, +5V and +12V outputs shall have forced load sharing. The corresponding output
shall share within 5% at full load when operated in a redundant 1+1 configuration. The 5VSB
and –12V outputs shall not have forced load sharing between power modules.
Example of load share accuracy:
Power supply #1 = 20A
Power supply #2 > 19A and < 21A
3.8.2. Load Sharing Signal
The power supplies load share shall use a single load share bus signal connected between
each corresponding output. If the load sharing is disabled by shorting the bus to ground, the
power system shall continue to operate within regulation limits for loads less than or equal to
the full load rating of each power supply. The failure of one power supply shall not effect the
output voltages of the other supply still operating.
POWER SUPPLY CONDITION
Power system
status
Per Power Module
status
LED COLOR
RED GREEN
ORANGE
No AC power to all PSU
OFF
OFF
OFF
AC present/Only Standby Output On
ON
OFF
OFF
Power supply DC outputs ON and OK OFF
ON
ON
Power supply failure
OFF
Blinking
OFF


Similar Part No. - TC-1350RVN3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TC-10-01B VISHAY-TC-10-01B Datasheet
477Kb / 4P
   Through Hole Transformers Converter
Revision: 02-Mar-12
TC-10-02B VISHAY-TC-10-02B Datasheet
477Kb / 4P
   Through Hole Transformers Converter
Revision: 02-Mar-12
TC-10-03B VISHAY-TC-10-03B Datasheet
477Kb / 4P
   Through Hole Transformers Converter
Revision: 02-Mar-12
TC-10-04B VISHAY-TC-10-04B Datasheet
477Kb / 4P
   Through Hole Transformers Converter
Revision: 02-Mar-12
TC-10-05B VISHAY-TC-10-05B Datasheet
477Kb / 4P
   Through Hole Transformers Converter
Revision: 02-Mar-12
More results

Similar Description - TC-1350RVN3

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
CPCIS-ET1100 ADLINK-CPCIS-ET1100 Datasheet
211Kb / 2P
   Redundant Power Supply
logo
BOSER Technology Co., L...
ARI-6400F BOSER-ARI-6400F Datasheet
79Kb / 1P
   400W Redundant Power Supply
logo
List of Unclassifed Man...
TC-950RVN3 ETC2-TC-950RVN3 Datasheet
266Kb / 17P
   950W Redundant Power Supply
TC-400R2UH ETC2-TC-400R2UH Datasheet
299Kb / 8P
   1U Redundant Power Supply
TC-2000RVN4 ETC2-TC-2000RVN4 Datasheet
282Kb / 17P
   2000W Redundant Power Supply
TC-1700RVN4 ETC2-TC-1700RVN4 Datasheet
282Kb / 17P
   1700W Redundant Power Supply
TC-350R2UH ETC2-TC-350R2UH Datasheet
300Kb / 8P
   1U Redundant Power Supply
logo
BOSER Technology Co., L...
DTB-R232 BOSER-DTB-R232 Datasheet
86Kb / 1P
   230W Redundant Power Supply
logo
List of Unclassifed Man...
TC-300R2UH ETC2-TC-300R2UH Datasheet
311Kb / 8P
   1U redundant power supply
TC-1100RVN3 ETC2-TC-1100RVN3 Datasheet
264Kb / 17P
   1100W Redundant Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com