Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJQ1900 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # PJQ1900
Description  20V N-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJQ1900 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  PJQ1900 Datasheet HTML 1Page - Pan Jit International Inc. PJQ1900 Datasheet HTML 2Page - Pan Jit International Inc. PJQ1900 Datasheet HTML 3Page - Pan Jit International Inc. PJQ1900 Datasheet HTML 4Page - Pan Jit International Inc. PJQ1900 Datasheet HTML 5Page - Pan Jit International Inc. PJQ1900 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PPJQ1900
August 28,2015-REV.00
Page 4
TYPICAL CHARACTERISTIC CURVES
Fig.7 Gate-Charge Characteristics
Fig.8 Threshold Voltage Variation with Temperature.
Fig.9 Capacitance vs. Drain-Source Voltage.


Similar Part No. - PJQ1900

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJQ1901 PANJIT-PJQ1901 Datasheet
320Kb / 6P
   20V P-Channel Enhancement Mode MOSFET
PJQ1902 PANJIT-PJQ1902 Datasheet
338Kb / 6P
   30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJQ1906 PANJIT-PJQ1906 Datasheet
382Kb / 6P
   30V N-Channel Enhancement Mode MOSFET
September 27,2022
PJQ1906_R1_00201 PANJIT-PJQ1906_R1_00201 Datasheet
382Kb / 6P
   30V N-Channel Enhancement Mode MOSFET
September 27,2022
PJQ1908 PANJIT-PJQ1908 Datasheet
380Kb / 6P
   50V N-Channel Enhancement Mode MOSFET
July 25,2023
More results

Similar Description - PJQ1900

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com