Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJQ2888 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJQ2888
Description  20V P-Channel Enhancement Mode MOSFET with TVS Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJQ2888 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJQ2888 Datasheet HTML 1Page - Pan Jit International Inc. PJQ2888 Datasheet HTML 2Page - Pan Jit International Inc. PJQ2888 Datasheet HTML 3Page - Pan Jit International Inc. PJQ2888 Datasheet HTML 4Page - Pan Jit International Inc. PJQ2888 Datasheet HTML 5Page - Pan Jit International Inc. PJQ2888 Datasheet HTML 6Page - Pan Jit International Inc. PJQ2888 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PPJQ2888
November 16,2015-REV.03
Page 3
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
TVS Diode
Working Peak Reverse Voltage
VRWM
---
-
-
15
V
Maximum Reverse Leakage
Current
IR
VRWM=15V
-
-
1
uA
Breakdown Voltage
VBR
IT=1mA
17
-
-
V
Max. Capacitance
CJ
f=1MHz, VR=0V
-
-
15
pF
Clamping Voltage
VC
Max Per 8x20us
-
-
30
V
Maximum Reverse Peak Pulse
Current
IPP
---
-
-
2
A
Test Current
IT
---
-
-
1.0
mA


Similar Part No. - PJQ2888

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJQ2800 PANJIT-PJQ2800 Datasheet
309Kb / 6P
   20V N-Channel Enhancement Mode MOSFET
PJQ2815 PANJIT-PJQ2815 Datasheet
305Kb / 6P
   20V P-Channel Enhancement Mode MOSFET
More results

Similar Description - PJQ2888

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com