Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QRT10A06F Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # QRT10A06F
Description  PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

QRT10A06F Datasheet(HTML) 2 Page - Pan Jit International Inc.

  QRT10A06F Datasheet HTML 1Page - Pan Jit International Inc. QRT10A06F Datasheet HTML 2Page - Pan Jit International Inc. QRT10A06F Datasheet HTML 3Page - Pan Jit International Inc. QRT10A06F Datasheet HTML 4Page - Pan Jit International Inc. QRT10A06F Datasheet HTML 5Page - Pan Jit International Inc. QRT10A06F Datasheet HTML 6Page - Pan Jit International Inc. QRT10A06F Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PQRT10A06 \ QRT10A06F \ QRT10A06D
August 13,2015-REV.01
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Breakdown voltage
VBR
IR=100A
TJ=25
oC
600
-
-
V
Instantaneous forward
voltage
VF
IF=1A
IF=5A
IF=10A
TJ=25
oC
-
-
-
1.17
1.84
2.25
-
-
2.4
V
IF=1A
IF=5A
IF=10A
TJ=125
oC
-
-
-
0.83
1.36
1.74
-
-
-
V
Reverse current
IR
VR=600V
TJ=25
oC
-
-
1
A
Reverse recovery time
TRR
IF=0.5A
IR=1A
Irr=0.25A
TJ=25
oC
-
-
25
ns
IF=1A
VR=30V
di/dt=100A/s
TJ=25
oC
-
-
20
ns
IF=10A
VR=400V
di/dt=200A/s
TJ=25
oC
-
32
-
ns
Peak recovery current
IRRM
IF=10A
VR=400V
di/dt=200A/s
TJ=25
oC
-
2
-
A
Reverse recovery
charge
QRR
IF=10A
VR=400V
di/dt=200A/s
TJ=25
oC
-
32
-
nC


Similar Part No. - QRT10A06F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
QRT1006 PANJIT-QRT1006 Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QRT1006 PANJIT-QRT1006 Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QRT1006 PANJIT-QRT1006 Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QRT1006D PANJIT-QRT1006D Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QRT1006D PANJIT-QRT1006D Datasheet
235Kb / 7P
   Planar structure with EPI wafer
More results

Similar Description - QRT10A06F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
QR1006F-AU PANJIT-QR1006F-AU Datasheet
303Kb / 6P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT8A06 PANJIT-QRT8A06 Datasheet
775Kb / 8P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT812 PANJIT-QRT812 Datasheet
688Kb / 7P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
logo
Transys Electronics
ER100 TRSYS-ER100 Datasheet
198Kb / 3P
   SUPERFAST RECOVERY RECTIFIERS
ER100S TRSYS-ER100S Datasheet
147Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
ER800 TRSYS-ER800 Datasheet
164Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ER100 PANJIT-ER100_09 Datasheet
47Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
SF31 HY-SF31 Datasheet
38Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
EDT302S PANJIT-EDT302S Datasheet
415Kb / 5P
   SUPERFAST RECOVERY RECTIFIERS
MURC4JI PANJIT-MURC4JI Datasheet
176Kb / 4P
   SUPERFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com