Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QRT812D Datasheet(PDF) 6 Page - Pan Jit International Inc.

Part # QRT812D
Description  PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

QRT812D Datasheet(HTML) 6 Page - Pan Jit International Inc.

  QRT812D Datasheet HTML 1Page - Pan Jit International Inc. QRT812D Datasheet HTML 2Page - Pan Jit International Inc. QRT812D Datasheet HTML 3Page - Pan Jit International Inc. QRT812D Datasheet HTML 4Page - Pan Jit International Inc. QRT812D Datasheet HTML 5Page - Pan Jit International Inc. QRT812D Datasheet HTML 6Page - Pan Jit International Inc. QRT812D Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PQRT812 \ QRT812F \ QRT812D
February 5,2015-REV.00
Page 6
Part No_packing code_Version
QRT812_T0_00001
QRT812_T0_10001
QRT812F_T0_00001
QRT812F_T0_10001
QRT812D_R2_00001
QRT812D_R2_10001
For example :
RB500V-40_R2_00001
˙Serial number
˙
˙Version code means HF
Part No.
˙Packing size code means 13"
˙Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1
st
Code
Packing size code
2
nd
Code
HF or
RoHS
1
st
Code
2
nd~5th
Code
Tape and Ammunition
Box (T/B)
A
N/A
0
HF
0
serial
number
Tape and Reel (T/R)
R
7"
1
RoHS
1
serial
number
Bulk Packing (B/P)
B
13"
2
Tube Packing (T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B
CATHODE UP (PBCU)
U
FORMING
F
PANASERT T/B
CATHODE DOWN (PBCD)
D


Similar Part No. - QRT812D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
QRT806 PANJIT-QRT806 Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QRT806 PANJIT-QRT806 Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QRT806 PANJIT-QRT806 Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QRT806D PANJIT-QRT806D Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QRT806D PANJIT-QRT806D Datasheet
235Kb / 7P
   Planar structure with EPI wafer
More results

Similar Description - QRT812D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
QR1006F-AU PANJIT-QR1006F-AU Datasheet
303Kb / 6P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT8A06 PANJIT-QRT8A06 Datasheet
775Kb / 8P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT10A06 PANJIT-QRT10A06 Datasheet
626Kb / 7P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
logo
Transys Electronics
ER100 TRSYS-ER100 Datasheet
198Kb / 3P
   SUPERFAST RECOVERY RECTIFIERS
ER100S TRSYS-ER100S Datasheet
147Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
ER800 TRSYS-ER800 Datasheet
164Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ER100 PANJIT-ER100_09 Datasheet
47Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
SF31 HY-SF31 Datasheet
38Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
EDT302S PANJIT-EDT302S Datasheet
415Kb / 5P
   SUPERFAST RECOVERY RECTIFIERS
MURC4JI PANJIT-MURC4JI Datasheet
176Kb / 4P
   SUPERFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com