Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GA3285 Datasheet(PDF) 6 Page - ON Semiconductor

Part # GA3285
Description  Pre-configured DSP System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

GA3285 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button GA3285 Datasheet HTML 2Page - ON Semiconductor GA3285 Datasheet HTML 3Page - ON Semiconductor GA3285 Datasheet HTML 4Page - ON Semiconductor GA3285 Datasheet HTML 5Page - ON Semiconductor GA3285 Datasheet HTML 6Page - ON Semiconductor GA3285 Datasheet HTML 7Page - ON Semiconductor GA3285 Datasheet HTML 8Page - ON Semiconductor GA3285 Datasheet HTML 9Page - ON Semiconductor GA3285 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
INSPIRIA GA3285
www.onsemi.com
6
Figure 4. Typical Hearing Instrument Assembly Diagram
T−coil
VC
+
+
CS44
+
MS
switch
(N.O.)
Zero Biased
Receiver
Front
Mic
Rear
Mic
INSPIRIA GA3285 OVERVIEW
Inspiria GA3285 is a DSP system with adaptive
algorithms that run on the ADVANCED hardware platform.
This hardware platform is a combination of a DSP core and
a high fidelity audio CODEC. The thinSTAX packaging
provides easy integration into a wide range of applications
from CIC to BTE.
The audio functions implemented on the CODEC include
tone generation, peak clipping and cross fading between
audio paths. The DSP core implements FrontWave
directional processing, programmable filters, adaptive
algorithms, compression, wideband gain, and volume
control. The adaptive algorithms include Adaptive Noise
Reduction, Adaptive Feedback Cancellation and Automatic
Adaptive Directional Microphones.
The Adaptive Noise Reduction reduces audible noise in
a low distortion manner while preserving perceived speech
levels. The Adaptive Feedback Canceller reduces acoustic
feedback while offering robust performance against pure
tones. The Adaptive Directional Microphone (ADM)
algorithm automatically reduces the level of sound sources
that originate from behind or from the side of the
hearing−aid wearer without affecting sounds from the front.
Additionally, the Automatic Adaptive Directional
Microphones algorithm automatically reduces current by
turning off the second input channel if it is not needed.
The iLog datalogging feature can be enabled to record
various parameters every 15 minutes during use of the
device. Once these parameter values are read from the
device, they can be used to counsel the user and fine tune the
fitting.
The Inspiria GA3285 is equipped with a noise source that
can be used in treating tinnitus. The Tinnitus Treatment
noise can be shaped and attenuated and then summed into
the audio path either before or after the volume control.
The Narrow−band Noise Stimulus feature allows the user
to generate stimuli from the device that can be used for in situ
audiometry.
The Inspiria GA3285 utilizes the power and capabilities
of the advanced platform to deliver advanced features and
enhanced performance previously unavailable to a product
in its class. As well, the Inspiria GA3285 contains security
features to protect clients’ Intellectual Property against
device cloning and software piracy.
SIGNAL PATH
There are two main audio input signal paths. The first path
contains the front microphone and the second path contains
the rear microphone, telecoil or direct audio input as selected
by a programmable MUX. The front microphone input is
intended as the main microphone audio input for single
microphone applications.
In FrontWave, ADM or Automatic ADM operation,
a multi−microphone signal is used to produce a directional
hearing instrument response. The two audio inputs are
buffered, sampled and converted into digital form using dual
A/D converters. The digital outputs are converted into
a 32 kHz or 16 kHz, 20−bit digital audio signal. Further IIR
filter blocks process the front microphone and rear
microphone signals. One biquad filter is used to match the
rear microphone’s gain to that of the front microphone. After
that, other filtering is used to provide an adjustable group
delay to create the desired polar response pattern during the
calibration process. In ADM and Automatic ADM, the two
microphone inputs are combined in an adaptive way while
in FrontWave operation the combination is static.


Similar Part No. - GA3285

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
GA3284 ONSEMI-GA3284 Datasheet
203Kb / 15P
   Pre-configured DSP System
August, 2015 ??Rev. 6
GA3284-E1 ONSEMI-GA3284-E1 Datasheet
203Kb / 15P
   Pre-configured DSP System
August, 2015 ??Rev. 6
GA3284-E1-T ONSEMI-GA3284-E1-T Datasheet
203Kb / 15P
   Pre-configured DSP System
August, 2015 ??Rev. 6
More results

Similar Description - GA3285

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
GA3227 ONSEMI-GA3227 Datasheet
165Kb / 13P
   Pre-configured DSP System
January, 2015 ??Rev. 6
GA3284 ONSEMI-GA3284 Datasheet
203Kb / 15P
   Pre-configured DSP System
August, 2015 ??Rev. 6
SA3286 ONSEMI-SA3286 Datasheet
289Kb / 16P
   Pre-configured DSP System
July, 2015 ??Rev. 2
GA3219 ONSEMI-GA3219 Datasheet
211Kb / 14P
   Pre-configured DSP System
August, 2015 ??Rev. 4
GA3216 ONSEMI-GA3216 Datasheet
212Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev. 12
SB3231 ONSEMI-SB3231 Datasheet
142Kb / 18P
   Pre-configured DSP System
November, 2014 ??Rev. 4
R3110 ONSEMI-R3110 Datasheet
161Kb / 14P
   Pre-fit DSP Solution
February, 2015 ??Rev. 1
GB3221 ONSEMI-GB3221 Datasheet
121Kb / 8P
   Preconfigured DSP System
February, 2014 ??Rev. 2
SB3229 ONSEMI-SB3229 Datasheet
135Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 5
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com