Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GA3285A-E1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # GA3285A-E1
Description  Pre-configured DSP System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

GA3285A-E1 Datasheet(HTML) 3 Page - ON Semiconductor

  GA3285A-E1 Datasheet HTML 1Page - ON Semiconductor GA3285A-E1 Datasheet HTML 2Page - ON Semiconductor GA3285A-E1 Datasheet HTML 3Page - ON Semiconductor GA3285A-E1 Datasheet HTML 4Page - ON Semiconductor GA3285A-E1 Datasheet HTML 5Page - ON Semiconductor GA3285A-E1 Datasheet HTML 6Page - ON Semiconductor GA3285A-E1 Datasheet HTML 7Page - ON Semiconductor GA3285A-E1 Datasheet HTML 8Page - ON Semiconductor GA3285A-E1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
INSPIRIA GA3285
www.onsemi.com
3
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Units
Operating Temperature Range
0 to +40
°C
Storage Temperature Range
−20 to +70
°C
Absolute Maximum Power Dissipation
25
mW
Maximum Operating Supply Voltage
1.5
VDC
Absolute Maximum Supply Voltage
2
VDC
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
WARNING: Electrostatic Sensitive Device − Do not open packages or handle except at a static−free workstation.
WARNING: Moisture Sensitive Device − RoHS Compliant; Level 4 MSL. Do not open packages except under controlled conditions.
Table 2. ELECTRICAL CHARACTERISTICS (VBAT = 1.25 V; Temperature = 25°C)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Hybrid Current
IAMP
With adaptive features
8 kHz bandwidth
750
mA
With adaptive features
16 kHz bandwidth
930
No adaptive feature
8 kHz bandwidth
560
No adaptive feature
16 kHz bandwidth
675
Minimum Operating Supply Voltage
VBOFF
Ramp down
0.93
0.95
0.97
V
Supply Voltage Turn On Threshold
VBON
Ramp up
1.06
1.1
1.16
V
EEPROM Burn Cycles
100 k
cycles
Low Frequency System Limit
125
Hz
High Frequency System Limit
32 kHz sampling rate
16
kHz
Total Maximum System Gain
AV
VIN = −95 dBV at 1 kHz (Note 1)
83
84
85
dB
Converter Gain
AConv
A / D + D / A gain
29
30
31
dB
Total Harmonic Distortion
THD
VIN = −40 dBV
1
%
THD at Maximum Input
THDM
VIN = −15 dBV, HRX − ON
3
%
Clock Frequency
fclk
1.945
2.048
2.151
MHz
REGULATOR
Regulator Voltage
VREG
0.87
0.90
0.93
V
INPUT
Input Referred Noise
IRN
Bandwidth 100 Hz − 8 KHz
−108
−106
dBV
Input Impedance
ZIN
16
kW
Anti−aliasing Filter Rejection
f = fCLK − 8 kHz, VIN = −40 dBV
80
dB
Maximum Input Level
−15
dBV
Input Dynamic Range
HRX − ON Bandwidth
100 Hz − 8 KHz
93
dB
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Total system gain consists of: wideband system gain + channel gain + converter gain. Total System gain is calibrated during Cal/Config process.


Similar Part No. - GA3285A-E1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
GA3284 ONSEMI-GA3284 Datasheet
203Kb / 15P
   Pre-configured DSP System
August, 2015 ??Rev. 6
GA3284-E1 ONSEMI-GA3284-E1 Datasheet
203Kb / 15P
   Pre-configured DSP System
August, 2015 ??Rev. 6
GA3284-E1-T ONSEMI-GA3284-E1-T Datasheet
203Kb / 15P
   Pre-configured DSP System
August, 2015 ??Rev. 6
More results

Similar Description - GA3285A-E1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
GA3227 ONSEMI-GA3227 Datasheet
165Kb / 13P
   Pre-configured DSP System
January, 2015 ??Rev. 6
GA3284 ONSEMI-GA3284 Datasheet
203Kb / 15P
   Pre-configured DSP System
August, 2015 ??Rev. 6
SA3286 ONSEMI-SA3286 Datasheet
289Kb / 16P
   Pre-configured DSP System
July, 2015 ??Rev. 2
GA3219 ONSEMI-GA3219 Datasheet
211Kb / 14P
   Pre-configured DSP System
August, 2015 ??Rev. 4
GA3216 ONSEMI-GA3216 Datasheet
212Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev. 12
SB3231 ONSEMI-SB3231 Datasheet
142Kb / 18P
   Pre-configured DSP System
November, 2014 ??Rev. 4
R3110 ONSEMI-R3110 Datasheet
161Kb / 14P
   Pre-fit DSP Solution
February, 2015 ??Rev. 1
GB3221 ONSEMI-GB3221 Datasheet
121Kb / 8P
   Preconfigured DSP System
February, 2014 ??Rev. 2
SB3229 ONSEMI-SB3229 Datasheet
135Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 5
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com