Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPM10 Datasheet(PDF) 10 Page - ON Semiconductor

Part # HPM10
Description  Power Management IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HPM10 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button HPM10 Datasheet HTML 6Page - ON Semiconductor HPM10 Datasheet HTML 7Page - ON Semiconductor HPM10 Datasheet HTML 8Page - ON Semiconductor HPM10 Datasheet HTML 9Page - ON Semiconductor HPM10 Datasheet HTML 10Page - ON Semiconductor HPM10 Datasheet HTML 11Page - ON Semiconductor HPM10 Datasheet HTML 12Page - ON Semiconductor HPM10 Datasheet HTML 13Page - ON Semiconductor HPM10 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
HPM10
www.onsemi.com
10
HPM10 Working Modes
HPM10 has three working modes represented in the state machine below.
Hearing
Aid
(HA )
Cradle
Mode
(CM)
DS _EN =1
SAFE _MODE =0
Deep
Sleep
(DS)
SAFE
_MODE=1
& CH_CONN =0
& SWIN =1
CH_CONN= 1
CH_CONN =0
CH _CONN=1
SAFE_MODE=1 &
CH_CONN=0 &
NO_BUTTON=1
Figure 3. HPM10 State Machine
Deep Sleep Mode: A low power mode with all blocks
turned off. HPM10 can enter Deep Sleep Mode in one of
three ways:
From Hearing Aid Mode when the host DSP toggles the
DS_EN pin high. An example use−case for this
transition is when a program is running on the host
DSP, that determines that the hearing aid is not being
worn or the measured battery voltage is below a
specified value and puts the system into Deep Sleep
Mode to save power.
From Hearing Aid Mode when the battery voltage
drops below the EOL set point (VEOL level), for the
battery chemistry actively being used to avoid
irreversible battery damage. This is when VBAT<1.0 V
(for AgZN) or 2.2 V<VBAT<3.0 V (for Lithium−Ion).
This will draw the SAFE_MODE status bit to 0.
From Cradle Mode when the hearing aid charger is
removed, in case the OTP bit “no_button” is not set.
Cradle Mode: The hearing aid will enter in Cradle Mode
when the hearing Aid is physically connected to Cradle
(CH_CONN=1). In this mode, the hearing aid battery is
being charged.
Once in this state, the following sequence of processes
will occur:
The OTP is enabled and its contents are copied to
internal latches.
After the OTP contents have been read, a Cyclic
Redundancy Check (CRC) is made by the controller. If
it fails, the system transitions to completion phase in
Cradle Mode and an error flag is set.
If the CRC passes, the controller starts the charging
process.
The charging process is controlled by a controller and
firmware in ROM.
Hearing Aid Mode: The hearing aid DSP power is supplied
by HPM10 and there is no digital logic running on HPM10.
In this mode, the hearing aid is in normal operation mode and
receives its supply voltage from HPM10. HPM10 can enter
Hearing Aid Mode in two ways:
From Deep Sleep after SWIN goes high from a button
press. The battery voltage must be in a valid range.
From Cradle Mode after removed from Cradle with
OTP bit NO_BUTTON=1. The battery voltage must be
in a valid range.HPM10 is either clocked with the
Hearing Aid Mode Oscillator, or with the divided
EXT_CLK.
The recommended tasks for the host DSP in Hearing Aid
Mode are as follows:
Set the external clock division ratio (if desired) by
driving the 3 CLKDIV pins (*)
Apply a valid clock to EXT_CLK pin


Similar Part No. - HPM10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
HPM10-W29A100G ONSEMI-HPM10-W29A100G Datasheet
141Kb / 18P
   Power Management IC for Hearing Aids
September, 2016 ??Rev. 4
HPM10 ONSEMI-HPM10_16 Datasheet
141Kb / 18P
   Power Management IC for Hearing Aids
September, 2016 ??Rev. 4
More results

Similar Description - HPM10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com