Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPM10W29A100G Datasheet(PDF) 11 Page - ON Semiconductor

Part # HPM10W29A100G
Description  Power Management IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HPM10W29A100G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button HPM10W29A100G Datasheet HTML 7Page - ON Semiconductor HPM10W29A100G Datasheet HTML 8Page - ON Semiconductor HPM10W29A100G Datasheet HTML 9Page - ON Semiconductor HPM10W29A100G Datasheet HTML 10Page - ON Semiconductor HPM10W29A100G Datasheet HTML 11Page - ON Semiconductor HPM10W29A100G Datasheet HTML 12Page - ON Semiconductor HPM10W29A100G Datasheet HTML 13Page - ON Semiconductor HPM10W29A100G Datasheet HTML 14Page - ON Semiconductor HPM10W29A100G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
HPM10
www.onsemi.com
11
Periodically monitor pin VHA using its on−board ADC
Monitor SWOUT to determine button press events
Monitor the WARN to determine if the hearing aid has
been placed in cradle, in which case the DSP should
shut itself down gracefully before HPM10 cuts the
power to VHA.
Toggle pin DS_EN to logical high (VHA level), if it
needs to put HPM10 into Deep Sleep Mode
(*): CLKDIV can be configured by the DSP (through GPIO
for example) or through physical connection.
In Hearing Aid Mode, voltage monitoring is used to prevent
turn−on if battery voltage is not acceptable, and to control
the output mode of the VHA supply.
The voltage levels and modes are as follows:
1.0 V to 1.5 V The battery type could be AgZn, Zn−Air,
or NiMH. A low impedance switch connects VBAT to
VHA to power the DSP.
1.5 to 2.2 V The battery type is likely AgZn. If pin
AGZN_REG_EN=floating, then the VHA voltage is
powered by a 1.5 V regulator. This is to protect those
DSPs that are not able to handle the unregulated AgZn
voltage. For those DSP that can handle maximum
AgZn battery voltages, the pin AGZN_REG_EN=0V
will enable the low impedance switch between VBAT
and VHA.
3.0 V and above. The battery type is Li_Ion. VHA is
powered by a divide by 3 step down converter.
VBAT voltages outside of these ranges will not enable the
VHA, and the DSP will not be powered. Note that each of
these thresholds have hysteresis to ensure stable operation.
The following figure indicates how HPM10 monitors
voltage in Hearing Aid Mode.
1.1V
2.0V
3.0
4.0
1.65V
1.2V
2.2V
ZnAir
AgZn
Li_Ion (ONLY _LI =0)
VBAT
VBAT
4.3V
3.0V
Charge Pump
4.3V
1.05V_
1.43V
1.1V
2.2V
VHA Li −Ion
Li_Ion (ONLY _LI =1)
4.3V
1.0V
1.5V
VHA ZnAir /AgZn regulator disabled
regulator enabled
1.0
2.0
VHA
2.0
1.0
Figure 4. Hearing Aid Mode: Voltage Monitoring


Similar Part No. - HPM10W29A100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
HPM10-W29A100G ONSEMI-HPM10-W29A100G Datasheet
141Kb / 18P
   Power Management IC for Hearing Aids
September, 2016 ??Rev. 4
HPM10 ONSEMI-HPM10_16 Datasheet
141Kb / 18P
   Power Management IC for Hearing Aids
September, 2016 ??Rev. 4
More results

Similar Description - HPM10W29A100G

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com