Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC75172BDW Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC75172BDW
Description  Quad EIA??85 Line Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC75172BDW Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC75172BDW Datasheet HTML 6Page - ON Semiconductor MC75172BDW Datasheet HTML 7Page - ON Semiconductor MC75172BDW Datasheet HTML 8Page - ON Semiconductor MC75172BDW Datasheet HTML 9Page - ON Semiconductor MC75172BDW Datasheet HTML 10Page - ON Semiconductor MC75172BDW Datasheet HTML 11Page - ON Semiconductor MC75172BDW Datasheet HTML 12Page - ON Semiconductor MC75172BDW Datasheet HTML 13Page - ON Semiconductor MC75172BDW Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MC75172B MC75174B
http://onsemi.com
10
The
maximum
ambient
operating
temperature
(applicable to both EIA−485 and EIA−422−A) is listed as
85
°C. However, a lower ambient may be required
depending on system use (i.e. specifically how many
drivers within a package are used) and at what current
levels they are operating. The maximum power which may
be dissipated within the package is determined by:
PDmax +
TJmax–TA
RqJA
RθJA = package thermal resistance (typical
70
°C/W for the DIP package, 85°C/W for
SOIC package);
TJmax = max. operating junction
temperature, and
TA = ambient temperature.
where:
Since the thermal shutdown feature has a trip point of
150
°C, ±20°C, TJmax is selected to be 130°C. The power
dissipated within the package is calculated from:
= {[(VCC − VOH) • IOH] + VOL • IOL)} each
driver = + (VCC • ICC)
VCC = the supply voltage;
VOH, VOL are measured or estimated from
Figures 7 to 10;
ICC = the quiescent power supply current
(typical 60 mA).
PD
where:
As indicated in the equation, the first term (in brackets)
must be calculated and summed for each of the four drivers,
while the last term is common to the entire package.
Example 1: TA = 25°C, IOL = IOH = 55 mA for each
driver, VCC = 5.0 V, DIP package. How many drivers per
package can be used?
Maximum allowable power dissipation is:
PDmax +
130°C * 25°C
70°C W
+ 1.5 W
Since the power supply current of 60 mA dissipates
300 mW, that leaves 1.2 W (1.5 W − 0.3 W) for the drivers.
From Figures 7 and 9, VOL [1.75 V, and VOH [3.85 V.
The power dissipated in each driver is:
{(5.0 − 3.85)
• 0.055} + (1.75 • 0.055) = 160 mW.
Since each driver dissipates 160 mW, the four drivers per
package could be used in this application.
Example 2: TA = 85°C, IOL = 27.8 mA, IOH = 20 mA for
each driver, VCC =5.0 V, SOIC package. How many drivers
per package can be used?
Maximum allowable power dissipation is:
PDmax +
130
°C * 85°C
85
°C W
+ 0.53 W
Since the power supply current of 60 mA dissipates
300 mW, that leaves 230 mW (530 mW − 300 mW) for the
drivers. From Figures 8 and 10 (adjusted for VCC = 5.0 V),
VOL [1.38 V, and VOH [4.27 V. The power dissipated
in each driver is:
{(5.0 − 4.27)
• 0.020} + (1.38 • 0.0278) = 53 mW
Since each driver dissipates 53 mW, the use of all four
drivers in a package would be marginal. Options include
reducing the load current, reducing the ambient
temperature, and/or providing a heat sink.
System Requirements
EIA−485 requires each driver to be capable of
transmitting data differentially to at least 32 unit loads, plus
an equivalent DC termination resistance of 60
Ω, over a
common mode voltage of −7.0 to 12 V. A unit load (U.L.),
as defined by EIA−485, is shown in Figure 17.
Figure 17. Unit Load Definition
1.0 mA
V
5.0 V
−3.0 V
−7.0 V
12 V
−0.8 mA
Reprinted from EIA−485, Electronic Industries Association,
Washington,DC.
I
A load current within the shaded regions represents an
impedance of less than one U.L., while a load current of a
magnitude outside the shaded area is greater than one U.L.
A system’s total load is the sum of the unit load equivalents
of each receiver’s input current, and each disabled driver’s
output leakage current. The 60
Ω termination resistance
mentioned above allows for two 120
Ω terminating
resistors.
Using the EIA−485 requirements (worst case limits), and
the graphs of Figures 7 and 9, it can be determined that the
maximum current an MC75172B or MC75174B driver will
source or sink is
[65 mA.
System Example
An example of a typical EIA−485 system is shown in
Figure 18. In this example, it is assumed each receiver’s
input characteristics correspond to 1.0 U.L. as defined in
Figure 17. Each “off” driver, with a maximum leakage of
±50 μA over the common mode range, presents a load of
[0.06 U.L. The total load for the active driver is therefore
8.3 unit loads, plus the parallel combination of the two
terminating resistors (60
Ω). It is up to the system software
to control the driver Enable pins to ensure that only one
driver is active at any time.


Similar Part No. - MC75172BDW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC75172BDW ONSEMI-MC75172BDW Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
MC75172BDW ONSEMI-MC75172BDW Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
logo
Motorola, Inc
MC75172BDW MOTOROLA-MC75172BDW Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172BDWG ONSEMI-MC75172BDWG Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
MC75172BDWR2 ONSEMI-MC75172BDWR2 Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
More results

Similar Description - MC75172BDW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B_06 Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC1488 ONSEMI-MC1488_06 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com