Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4371ACCDR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP4371ACCDR2G
Description  3.0 HVDCP Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4371ACCDR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP4371ACCDR2G Datasheet HTML 1Page - ON Semiconductor NCP4371ACCDR2G Datasheet HTML 2Page - ON Semiconductor NCP4371ACCDR2G Datasheet HTML 3Page - ON Semiconductor NCP4371ACCDR2G Datasheet HTML 4Page - ON Semiconductor NCP4371ACCDR2G Datasheet HTML 5Page - ON Semiconductor NCP4371ACCDR2G Datasheet HTML 6Page - ON Semiconductor NCP4371ACCDR2G Datasheet HTML 7Page - ON Semiconductor NCP4371ACCDR2G Datasheet HTML 8Page - ON Semiconductor NCP4371ACCDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2015
September, 2015 − Rev. P0
1
Publication Order Number:
NCP4371/D
NCP4371
Product Preview
Qualcomm Quick Charget
3.0 HVDCP Controller
NCP4371 is a USB secondary side fast−charging controller,
supporting Qualcomm Quick Charge 3.0 (QC 3.0) High Voltage
Dedicated Charging Port (HVDCP) Class A and Class B specification.
NCP4371 allows for selection of the output voltage of an AC−DC USB
adapter based on commands from the Portable Device (PD) being
powered. Selecting a higher charging voltage will reduce the charging
current for a given power level resulting in reduced IR drops and
increased system efficiency. Another advantage of QC3.0 is a decreased
battery charging time and a reduced PD system cost thanks to the
ability to select an optimum charging voltage. This eliminates the need
for costly DC−DC converters within the PD. The USB−bus voltage
can be controlled in discreet steps from 3.6 V up to 20 V. The output
current is limited not to exceed maximum allowable power level.
The NCP4371 resides at the secondary (isolated) side of the adapter.
It includes voltage and current feedback regulation eliminating the
need for a shunt regulator such as TL431.
The NCP4371 provides charging current limits down to
VBUS = 2.2 V protecting the portable device from excessive currents
in case of a soft short−circuit condition.
The NCP4371 integrates a safe−discharge circuitry to quickly and
reliably discharge output capacitors in case the USB cable is
unplugged or connected to a 5 V only USB port.
Features
Supports Qualcomm Quick Charge 3.0 HVDCP Class A/B
Output Voltage Can be Configured in Discreet Steps from
Class A: 3.6 V up to 12 V
Class B: 3.6 V up to 20 V
Compatible with USB Battery Charging Specification Revision 1.2
(USB BC1.2)
Constant Voltage and Constant Current Regulation
Soft Short−Circuit Current Limitation Down to VBUS = 2.2 V
Removes a Need for the Secondary Side Shunt Regulator such as
TL431
Output Capacitor Safe−Discharge Circuitry at Cable Unplug
Fast Dynamic Response
Built−in Power Limiting Function
Low Supply Current
Wide Operating Input Voltage Range: 2.2 V to 28 V
This is Pb−free Device
Typical Applications
Fast Charging AC/DC Adapters for Smart Phones, Tablets and Other
Portable Devices
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
www.onsemi.com
SOIC−8
D SUFFIX
CASE 751
1
8
XXXXX = Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
XXXXX
ALYW
G
G
1
8
See detailed ordering, marking and shipping information in the
package dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
MARKING DIAGRAM
PIN CONNECTIONS
(Top View)
VCC
GND
D−
D+
DISCHARGE
DRIVE
ISNS
COMP


Similar Part No. - NCP4371ACCDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4371ACCDR2G ONSEMI-NCP4371ACCDR2G Datasheet
109Kb / 13P
   Qualcomm Quick Charge 3.0 HVDCP Controller
March, 2016 ??Rev. P1
More results

Similar Description - NCP4371ACCDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4371 ONSEMI-NCP4371_16 Datasheet
109Kb / 13P
   Qualcomm Quick Charge 3.0 HVDCP Controller
March, 2016 ??Rev. P1
logo
List of Unclassifed Man...
EJ168A ETC-EJ168A Datasheet
1Mb / 11P
   USB 3.0 Host Controller
Revision 1.4 Nov 5, 2019
logo
VIA Labs, Inc
VL812 VIALABS-VL812 Datasheet
1Mb / 18P
   USB 3.0 Hub Controller
logo
Dialog Semiconductor
IW656P DIALOG-IW656P Datasheet
553Kb / 8P
   USB Power Delivery 3.0 Controller
logo
Texas Instruments
TUSB7320 TI1-TUSB7320_15 Datasheet
5Mb / 117P
[Old version datasheet]   USB 3.0 xHCI Host Controller
logo
Prolific Technology Inc...
PL2732 PROLIFIC-PL2732 Datasheet
346Kb / 1P
   USB 3.0 eMMC Storage Controller
logo
Texas Instruments
TUSB7320 TI1-TUSB7320 Datasheet
1Mb / 115P
[Old version datasheet]   USB 3.0 xHCI HOST CONTROLLER
logo
GENESYS LOGIC
GL3520 GENESYS-GL3520 Datasheet
275Kb / 1P
   USB 3.0 MTT Hub Controller
logo
Prolific Technology Inc...
PL2733 PROLIFIC-PL2733 Datasheet
361Kb / 1P
   USB 3.0 iOS/Generic Storage Controller
logo
Realtek Semiconductor C...
RTS5411 REALTEK-RTS5411 Datasheet
883Kb / 33P
   USB 3.0 Super-Speed HUB Controller
Doc Rev. 1.2 30. Nov. 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com