Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFD4C87NT1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NTMFD4C87NT1G
Description  Dual N-Channel SO8FL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFD4C87NT1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NTMFD4C87NT1G Datasheet HTML 3Page - ON Semiconductor NTMFD4C87NT1G Datasheet HTML 4Page - ON Semiconductor NTMFD4C87NT1G Datasheet HTML 5Page - ON Semiconductor NTMFD4C87NT1G Datasheet HTML 6Page - ON Semiconductor NTMFD4C87NT1G Datasheet HTML 7Page - ON Semiconductor NTMFD4C87NT1G Datasheet HTML 8Page - ON Semiconductor NTMFD4C87NT1G Datasheet HTML 9Page - ON Semiconductor NTMFD4C87NT1G Datasheet HTML 10Page - ON Semiconductor NTMFD4C87NT1G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NTMFD4C87N
www.onsemi.com
7
TYPICAL CHARACTERISTICS − Q1
QT
Figure 9. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
QG, TOTAL GATE CHARGE (nC)
11
10
8
6
5
2
1
0
0
2
4
6
8
10
Figure 10. Diode Forward Voltage vs. Current
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
0.9
0.8
0.7
0.6
0.5
0.1
0
2
6
8
12
14
18
20
VGS = 4.5 V
VDS = 15 V
ID = 30 A
TJ = 25°C
QGS
QGD
34
7
9
TJ = 25°C
4
10
16
0.4
0.3
0.2
11
1
3
5
7
9
Figure 11. Resistive Switching Time Variation
vs. Gate Resistance
RG, GATE RESISTANCE (W)
10
1
1
10
100
1000
Figure 12. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
100
VGS = 10 V
VDS = 15 V
ID = 15 A
tf
tr
td(on)
td(off)
100
10
1
0.1
0.1
1
100
1000
10
VGS ≤ 10 V
Single Pulse
TC = 25°C
10
ms
RDS(on) Limit
Thermal Limit
Package Limit
100
ms
1 ms
10 ms
dc
Figure 13. Thermal Characteristics
PULSE TIME (sec)
0.01
0.001
1
0.0001
0.1
0.00001
10
0.000001
0.001
0.1
1
10
100
100
1000
50% Duty Cycle
Single Pulse
20%
10%
5%
2%
1%
0.01
PCB Cu Area 650 mm2
PCB Cu thk 1 oz


Similar Part No. - NTMFD4C87NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFD4C85N ONSEMI-NTMFD4C85N Datasheet
134Kb / 12P
   N-Channel SO8FL
August, 2015 ??Rev. 1
NTMFD4C85NT1G ONSEMI-NTMFD4C85NT1G Datasheet
134Kb / 12P
   N-Channel SO8FL
August, 2015 ??Rev. 1
NTMFD4C85NT3G ONSEMI-NTMFD4C85NT3G Datasheet
134Kb / 12P
   N-Channel SO8FL
August, 2015 ??Rev. 1
NTMFD4C86N ONSEMI-NTMFD4C86N Datasheet
133Kb / 12P
   Dual N-Channel SO8FL
July, 2015 ??Rev. 1
NTMFD4C86NT1G ONSEMI-NTMFD4C86NT1G Datasheet
133Kb / 12P
   Dual N-Channel SO8FL
July, 2015 ??Rev. 1
More results

Similar Description - NTMFD4C87NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFD4C86N ONSEMI-NTMFD4C86N Datasheet
133Kb / 12P
   Dual N-Channel SO8FL
July, 2015 ??Rev. 1
NTMFD4C88N ONSEMI-NTMFD4C88N Datasheet
127Kb / 12P
   Dual N-Channel SO8FL
August, 2015 ??Rev. 1
NTMFD4C85N ONSEMI-NTMFD4C85N Datasheet
134Kb / 12P
   N-Channel SO8FL
August, 2015 ??Rev. 1
NTMFC013NP10M5L ONSEMI-NTMFC013NP10M5L Datasheet
287Kb / 13P
   MOSFET - Power, Dual N- & P-Channel, SO8FL
July, 2021 ??Rev. 0
NTMFD020N06C ONSEMI-NTMFD020N06C Datasheet
251Kb / 7P
   MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
January, 2020 ??Rev. 0
NTMFD030N06C ONSEMI-NTMFD030N06C Datasheet
252Kb / 7P
   MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 29.7 m, 19 A
January, 2020 ??Rev. 0
NTMFD016N06C ONSEMI-NTMFD016N06C Datasheet
225Kb / 8P
   MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 16.3 m, 32 A
January, 2020 ??Rev. 0
NVMFD020N06C ONSEMI-NVMFD020N06C Datasheet
254Kb / 7P
   MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
March, 2020 ??Rev. 1
NTMFD5877NL ONSEMI-NTMFD5877NL Datasheet
224Kb / 8P
   MOSFET ??Power, Dual, N-Channel, Logic Level, Dual SO8FL 60 V, 39 m, 17 A
May, 2019 ??Rev. 0
NVMFD5877NLT1G ONSEMI-NVMFD5877NLT1G Datasheet
124Kb / 6P
   60 V, 39 m, 17 A, Dual N?묬hannel, Logic Level, Dual SO8FL
November, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com