Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DWX8 Datasheet(PDF) 11 Page - DOMINANT Semiconductors

Part # DWX8
Description  High brightness surface mount LED using thin film technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWX8 Datasheet(HTML) 11 Page - DOMINANT Semiconductors

Back Button DWX8 Datasheet HTML 5Page - DOMINANT Semiconductors DWX8 Datasheet HTML 6Page - DOMINANT Semiconductors DWX8 Datasheet HTML 7Page - DOMINANT Semiconductors DWX8 Datasheet HTML 8Page - DOMINANT Semiconductors DWX8 Datasheet HTML 9Page - DOMINANT Semiconductors DWX8 Datasheet HTML 10Page - DOMINANT Semiconductors DWX8 Datasheet HTML 11Page - DOMINANT Semiconductors DWX8 Datasheet HTML 12Page - DOMINANT Semiconductors DWX8 Datasheet HTML 13Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Time (sec)
0
50
100
150
200
300
250
225
200
175
150
125
100
75
50
25
275
Classification Reflow Profile (JEDEC J-STD-020C)
Ramp-up
3˚C/sec max.
255-260˚C
10-30s
60-150s
Ramp-
down
6˚C/sec
max.
Preheat 60-180s
480s max
217˚C
Recommended Pb-free Soldering Profile
AlInGaP : DWx
DOMINANT
Opto Technologies
Innovating Illumination
TM
04/09/2014 V18.0


Similar Part No. - DWX8

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWX DOMINANT-DWX Datasheet
1Mb / 13P
   Power DomiLED
logo
First Silicon Co., Ltd
DWX FS-DWX Datasheet
737Kb / 29P
   Dual Bias Resistor Transistors
logo
DOMINANT Semiconductors
DWX-HKG DOMINANT-DWX-HKG Datasheet
1Mb / 13P
   High brightness surface mount LED using thin film technology
DWX-HKG DOMINANT-DWX-HKG Datasheet
1Mb / 14P
   Power DomiLED
DWX-HKG DOMINANT-DWX-HKG_17 Datasheet
1Mb / 14P
   Power DomiLED
More results

Similar Description - DWX8

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DRS-NRS-TU1-1 DOMINANT-DRS-NRS-TU1-1 Datasheet
783Kb / 12P
   High brightness surface mount LED using thin film technology
DRX-NJB DOMINANT-DRX-NJB Datasheet
816Kb / 13P
   High brightness surface mount LED using thin film technology
DRX-RJE DOMINANT-DRX-RJE Datasheet
950Kb / 12P
   High brightness surface mount LED using thin film technology
DWX-MJB DOMINANT-DWX-MJB Datasheet
710Kb / 13P
   High brightness surface mount LED using thin film technology
DWX-MJS1 DOMINANT-DWX-MJS1 Datasheet
1,000Kb / 13P
   High brightness surface mount LED using thin film technology
DRR-MJS-U2V-1 DOMINANT-DRR-MJS-U2V-1 Datasheet
776Kb / 12P
   High brightness surface mount LED using thin film technology
DRX-NJE DOMINANT-DRX-NJE Datasheet
953Kb / 12P
   High brightness surface mount LED using thin film technology
DDX-XJE DOMINANT-DDX-XJE Datasheet
840Kb / 14P
   High brightness surface mount LED using thin film technology
DRX-NJS5 DOMINANT-DRX-NJS5 Datasheet
1Mb / 14P
   High brightness surface mount LED using thin film technology
DRX-MJS0 DOMINANT-DRX-MJS0 Datasheet
1Mb / 14P
   High brightness surface mount LED using thin film technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com