Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV8414CS Datasheet(PDF) 1 Page - ON Semiconductor

Part # LV8414CS
Description  Quad H-Bridge Micro Step Motor Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV8414CS Datasheet(HTML) 1 Page - ON Semiconductor

  LV8414CS Datasheet HTML 1Page - ON Semiconductor LV8414CS Datasheet HTML 2Page - ON Semiconductor LV8414CS Datasheet HTML 3Page - ON Semiconductor LV8414CS Datasheet HTML 4Page - ON Semiconductor LV8414CS Datasheet HTML 5Page - ON Semiconductor LV8414CS Datasheet HTML 6Page - ON Semiconductor LV8414CS Datasheet HTML 7Page - ON Semiconductor LV8414CS Datasheet HTML 8Page - ON Semiconductor LV8414CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1
Publication Order Number :
LV8414CS/D
www.onsemi.com
©
Semiconductor Components Industries, LLC, 2015
March 2015 - Rev. 3
ORDERING INFORMATION
See detailed ordering and shipping information on page 37 of this data sheet.
LV8414CS
Overview
The LV8414CS is a motor driver that is available for the PWM
constant-current control micro step drive of dual stepper motor.
Miniaturization using the wafer level package (WLP) makes the IC
ideally suited for driving the stepping motors used to control the lenses
in digital still cameras, cell phone camera modules and other such
devices.
.
Feature
 Built-in 256-division micro step drive circuit for dual stepper motor
 Excitation step proceeds only by step signal input
 Peak excitation current switchable to one of 16 levels
 Serial data control using I2C interface
 Built-in thermal protection circuit
 Low supply voltage protection circuit incorporated
 On-chip photo sensor drive transistors
 On-chip Schmitt buffer
Typical Applications
 Tablet
 Digital Still Camera
 Feature Phone
 Smartphone
Specifications
Absolute Maximum Ratings
at Ta = 25
C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage 1
VM max
6.0
V
Maximum supply voltage 2
VCC max
6.0
V
Output peak current
IOpeak
ch1 to 4
t
 10ms, ON-duty  20%
600
mA
Continuous output current 1
IO max1
ch1 to 4
400
mA
Continuous output current 2
IO max2
PI
30
mA
Allowable power dissipation
Pd max
*Mounted on a specified board.
1.0
W
Operating temperature
Topr
30 to +85
C
Storage temperature
Tstg
55 to +150
C
* Specified circuit board : 40mm
50mm0.8mm, glass epoxy four-layer board.
Bi-CMOS LSI
Quad H-Bridge Micro Step
Motor Driver with I
2C Interface
WLP32K (2.47×2.47)
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
* I
2C Bus is a trademark of Philips Corporation.


Similar Part No. - LV8414CS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
More results

Similar Description - LV8414CS

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2475 PTC-PT2475 Datasheet
86Kb / 4P
   1.2A Quad H-Bridge Motor Driver
logo
Freescale Semiconductor...
34920 FREESCALE-34920 Datasheet
789Kb / 29P
   2.8 ohm (Typ) Quad H-Bridge Motor Driver
logo
Motorola, Inc
MC34920 MOTOROLA-MC34920 Datasheet
813Kb / 28P
   2.8 OHM (Typ) Quad H-Bridge Motor Driver
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
   H-bridge Motor Driver
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
   H-bridge Motor Driver
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
[Old version datasheet]   H-Bridge Motor Driver
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
   H-bridge Motor Driver
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
   H-bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Cirrus Logic
SA60 CIRRUS-SA60 Datasheet
459Kb / 6P
   H-Bridge Motor Driver/Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com