Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DWZB-DZJG-1 Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DWZB-DZJG-1
Description  High brightness surface mount LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWZB-DZJG-1 Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DWZB-DZJG-1 Datasheet HTML 1Page - DOMINANT Semiconductors DWZB-DZJG-1 Datasheet HTML 2Page - DOMINANT Semiconductors DWZB-DZJG-1 Datasheet HTML 3Page - DOMINANT Semiconductors DWZB-DZJG-1 Datasheet HTML 4Page - DOMINANT Semiconductors DWZB-DZJG-1 Datasheet HTML 5Page - DOMINANT Semiconductors DWZB-DZJG-1 Datasheet HTML 6Page - DOMINANT Semiconductors DWZB-DZJG-1 Datasheet HTML 7Page - DOMINANT Semiconductors DWZB-DZJG-1 Datasheet HTML 8Page - DOMINANT Semiconductors DWZB-DZJG-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
0.2100
0.2200
0.2300
0.2400
0.2500
0.2600
0.2700
0.2800
0.2900
0.3000
0.3100
0.3200
0.3300
0.3400
0.1500
0.1600
0.1700
0.1800
0.1900
0.2000
0.2100
0.2200
0.2300
3J
3K
3L
4J
5K
5J
4L
4K
5L
6K
6J
6L
7K
7J
7L
8K
8J
8L
Bin
3J
3K
3L
4J
4K
4L
5J
5K
5L
6J
6K
6L
0.1862
0.2437
0.1775
0.2447
0.1716
0.2453
0.1902
0.2595
0.1814
0.2605
0.1756
0.2611
0.1941
0.2753
0.1853
0.2762
0.1795
0.2769
0.1980
0.2910
0.1893
0.2920
0.1830
0.2930
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.1921
0.2431
0.1862
0.2437
0.1775
0.2447
0.1960
0.2588
0.1902
0.2595
0.1814
0.2605
0.2000
0.2746
0.1941
0.2753
0.1853
0.2762
0.2039
0.2904
0.1980
0.2910
0.1893
0.2920
0.1881
0.2273
0.1823
0.2280
0.1735
0.2289
0.1921
0.2431
0.1862
0.2437
0.1775
0.2447
0.1960
0.2588
0.1902
0.2595
0.1814
0.2605
0.2000
0.2746
0.1941
0.2753
0.1853
0.2762
0.1823
0.2280
0.1735
0.2289
0.1677
0.2296
0.1862
0.2437
0.1775
0.2447
0.1716
0.2454
0.1902
0.2595
0.1814
0.2605
0.1756
0.2611
0.1941
0.2753
0.1853
0.2762
0.1795
0.2769
DWZB, White Color Grouping
X
Chromaticity coordinate groups are measured with an accuracy of ± 0.01.
InGaN : DWZB-DZJG-1
4
14/03/2014 V.2.0
DOMINANT
Opto Technologies
Innovating Illumination
TM
1
2
3
4
Color Bin Structure


Similar Part No. - DWZB-DZJG-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWZB-UJG-3J8L DOMINANT-DWZB-UJG-3J8L Datasheet
1Mb / 15P
   High brightness surface mount LED
More results

Similar Description - DWZB-DZJG-1

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSO-SSS-C10 BRIGHT-BL-PSO-SSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-SSS-C20 BRIGHT-BL-PSR-SSS-C20 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSY-CSS-C10 BRIGHT-BL-PSY-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-CSS-C10 BRIGHT-BL-PSR-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PDT-SRS-C10 BRIGHT-BL-PDT-SRS-C10 Datasheet
253Kb / 8P
   High brightness surface mount LED.
BL-PDB-UJS-C10 BRIGHT-BL-PDB-UJS-C10 Datasheet
1Mb / 12P
   High brightness surface mount LED.
logo
DOMINANT Semiconductors
DDX-DJX DOMINANT-DDX-DJX Datasheet
1Mb / 15P
   High brightness surface mount LED
DDW-UJG DOMINANT-DDW-UJG Datasheet
1Mb / 17P
   High brightness surface mount LED
DWF-LJG DOMINANT-DWF-LJG Datasheet
1Mb / 16P
   High brightness surface mount LED
DWW-DZKG DOMINANT-DWW-DZKG Datasheet
1Mb / 16P
   High brightness surface mount LED
DDX-JJX-I1 DOMINANT-DDX-JJX-I1 Datasheet
781Kb / 12P
   High brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com