Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3W-L4500 Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # L3W-L4500
Description  High brightness LED lamp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

L3W-L4500 Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  L3W-L4500 Datasheet HTML 1Page - DOMINANT Semiconductors L3W-L4500 Datasheet HTML 2Page - DOMINANT Semiconductors L3W-L4500 Datasheet HTML 3Page - DOMINANT Semiconductors L3W-L4500 Datasheet HTML 4Page - DOMINANT Semiconductors L3W-L4500 Datasheet HTML 5Page - DOMINANT Semiconductors L3W-L4500 Datasheet HTML 6Page - DOMINANT Semiconductors L3W-L4500 Datasheet HTML 7Page - DOMINANT Semiconductors L3W-L4500 Datasheet HTML 8Page - DOMINANT Semiconductors L3W-L4500 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
YU
YL
XU
XL
WU
WL
VU
VL
UU
UL
10,000K
5,650K
5,000K
4,500K
6,300K
7,000K
InGaN White: L3W-L4500
Dominant color coordinate is measured with an accuracy of ± 0.01.
White Color Grouping
Chromaticity coordinate groups are measured with an accuracy of ± 0.01.
Bin
YU
YL
XU
XL
WU
WL
VU
VL
UU
UL
0.274
0.301
0.283
0.284
0.303
0.333
0.307
0.316
0.315
0.343
0.317
0.325
0.329
0.354
0.329
0.336
0.347
0.368
0.345
0.350
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.283
0.284
0.290
0.270
0.307
0.316
0.310
0.299
0.317
0.325
0.319
0.310
0.329
0.336
0.329
0.319
0.345
0.350
0.343
0.331
0.307
0.316
0.310
0.299
0.317
0.325
0.319
0.310
0.329
0.336
0.329
0.319
0.345
0.350
0.343
0.331
0.361
0.365
0.357
0.343
0.303
0.333
0.307
0.316
0.315
0.343
0.317
0.325
0.329
0.354
0.329
0.336
0.347
0.368
0.345
0.350
0.364
0.383
0.361
0.365
1
2
3
4
White Bin Structure
05/04/2012 V1.0
4
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - L3W-L4500

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
L3W-L60E0 DOMINANT-L3W-L60E0 Datasheet
995Kb / 12P
   High brightness LED lamp
More results

Similar Description - L3W-L4500

ManufacturerPart #DatasheetDescription
logo
AUK corp
SY3418-E AUK-SY3418-E Datasheet
151Kb / 4P
   High Brightness LED Lamp
logo
LUXPIA
LBH3030 LUXPIA-LBH3030 Datasheet
103Kb / 6P
   High Brightness LED Lamp
LWH3000 LUXPIA-LWH3000 Datasheet
228Kb / 7P
   High Brightness LED Lamp
LCH5020 LUXPIA-LCH5020 Datasheet
201Kb / 6P
   High Brightness LED Lamp
logo
AUK corp
SPG3317-H AUK-SPG3317-H Datasheet
190Kb / 4P
   High Brightness LED Lamp
SPG3317-I AUK-SPG3317-I Datasheet
188Kb / 4P
   High Brightness LED Lamp
SW3318G AUK-SW3318G Datasheet
323Kb / 5P
   High Brightness LED Lamp
SY3318-V AUK-SY3318-V Datasheet
166Kb / 3P
   High Brightness LED Lamp
SY5311-V AUK-SY5311-V Datasheet
201Kb / 3P
   High Brightness LED Lamp
SM5427-H AUK-SM5427-H Datasheet
213Kb / 3P
   High Brightness LED Lamp
SR5427-U AUK-SR5427-U Datasheet
220Kb / 3P
   High Brightness LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com