Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100315 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100315
Description  Low-Skew Quad Clock Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100315 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  100315 Datasheet HTML 1Page - National Semiconductor (TI) 100315 Datasheet HTML 2Page - National Semiconductor (TI) 100315 Datasheet HTML 3Page - National Semiconductor (TI) 100315 Datasheet HTML 4Page - National Semiconductor (TI) 100315 Datasheet HTML 5Page - National Semiconductor (TI) 100315 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
100315
Low-Skew Quad Clock Driver
General Description
The 100315 contains four low skew differential drivers, de-
signed for generation of multiple, minimum skew differential
clocks from a single differential input. This device also has
the capability to select a secondary single-ended clock
source for use in lower frequency system level testing. The
100315 is a 300 Series redesign of the 100115 clock driver.
Features
n Low output to output skew (
≤50 ps)
n Differential inputs and outputs
n Secondary clock available for system level testing
n 2000V ESD protection
n Voltage compensated operating range: −4.2V to −5.7V
n Standard Microcircuit Drawing
(SMD) 5962-9469601
Logic Diagram
Connection Diagram
Pin Names
Description
CLKIN, CLKIN
Differential Clock Inputs
CLK
1–4, CLK1–4
Differential Clock Outputs
TCLK
Test Clock Input (Note 1)
CLKSEL
Clock Input Select (Note 1)
Note 1: TCLK and CLKSEL are single-ended inputs, with internal 50 k
Ω pull-
down resistors.
Truth Table
CLKSEL
CLKIN
CLKIN
TCLK
CLK
N
CLK
N
LL
H
X
L
H
LH
L
X
H
L
HX
X
L
L
H
HX
X
H
H
L
L = Low Voltage Level
H = High Voltage Level
X = Don’t Care
DS100319-1
Flatpak
DS100319-2
August 1998
© 1998 National Semiconductor Corporation
DS100319
www.national.com


Similar Part No. - 100315

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100315 FAIRCHILD-100315 Datasheet
50Kb / 4P
   Low Skew Quad Clock Driver
logo
Texas Instruments
100315 TI1-100315 Datasheet
153Kb / 7P
[Old version datasheet]   Low-Skew Quad Clock Driver
logo
MKS Instruments.
100315601 MKS-100315601 Datasheet
374Kb / 20P
   CF Component Ultra high vacuum fittings
100315603 MKS-100315603 Datasheet
374Kb / 20P
   CF Component Ultra high vacuum fittings
100315605 MKS-100315605 Datasheet
374Kb / 20P
   CF Component Ultra high vacuum fittings
More results

Similar Description - 100315

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100315 FAIRCHILD-100315 Datasheet
50Kb / 4P
   Low Skew Quad Clock Driver
logo
Texas Instruments
100315 TI1-100315 Datasheet
153Kb / 7P
[Old version datasheet]   Low-Skew Quad Clock Driver
logo
Motorola, Inc
MC88913 MOTOROLA-MC88913 Datasheet
75Kb / 4P
   LOW SKEW CMOS CLOCK DRIVER
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
logo
Fairchild Semiconductor
100311 FAIRCHILD-100311 Datasheet
64Kb / 6P
   Low Skew 1:9 Differential Clock Driver
logo
Motorola, Inc
MC88LV926 MOTOROLA-MC88LV926 Datasheet
108Kb / 10P
   LOW SKEW CMOS PLL 68060 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com