Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3X-CA0D0 Datasheet(PDF) 11 Page - DOMINANT Semiconductors

Part # L3X-CA0D0
Description  Standard brightness diffused LED lamp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

L3X-CA0D0 Datasheet(HTML) 11 Page - DOMINANT Semiconductors

Back Button L3X-CA0D0 Datasheet HTML 5Page - DOMINANT Semiconductors L3X-CA0D0 Datasheet HTML 6Page - DOMINANT Semiconductors L3X-CA0D0 Datasheet HTML 7Page - DOMINANT Semiconductors L3X-CA0D0 Datasheet HTML 8Page - DOMINANT Semiconductors L3X-CA0D0 Datasheet HTML 9Page - DOMINANT Semiconductors L3X-CA0D0 Datasheet HTML 10Page - DOMINANT Semiconductors L3X-CA0D0 Datasheet HTML 11Page - DOMINANT Semiconductors L3X-CA0D0 Datasheet HTML 12Page - DOMINANT Semiconductors L3X-CA0D0 Datasheet HTML 13Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
19/04/2012 V2.0
11
AlInGaP: 3mm Lamp L3x-CA0D0
Recommended TTW Soldering Profile (acc. to CECC 00802)
300
250
200
150
100
50
0
T (˚C)
T (˚C)
0
25
50
75
100
150
125
175
200
250
225
10s
2nd
5˚C/s
2˚C/s
1st
ca 200˚C/s
100˚C…130˚C
2˚C/s
Forced
cooling
235˚C…260˚C
Standard curve
Limit Curve
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - L3X-CA0D0

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
L3X-C5000 DOMINANT-L3X-C5000 Datasheet
979Kb / 14P
   Standard brightness clear LED lamp
L3X-C50XA DOMINANT-L3X-C50XA Datasheet
1Mb / 13P
   Standard brightness LED lamp
L3X-C60D0-I2 DOMINANT-L3X-C60D0-I2 Datasheet
1Mb / 15P
   Standard brightness colored diffused LED lamp
More results

Similar Description - L3X-CA0D0

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
L3X-C60D0-I2 DOMINANT-L3X-C60D0-I2 Datasheet
1Mb / 15P
   Standard brightness colored diffused LED lamp
L3X-C50XA DOMINANT-L3X-C50XA Datasheet
1Mb / 13P
   Standard brightness LED lamp
L3X-C5000 DOMINANT-L3X-C5000 Datasheet
979Kb / 14P
   Standard brightness clear LED lamp
logo
AUK corp
SY3418-E AUK-SY3418-E Datasheet
151Kb / 4P
   High Brightness LED Lamp
logo
LUXPIA
LBH3030 LUXPIA-LBH3030 Datasheet
103Kb / 6P
   High Brightness LED Lamp
LWH3000 LUXPIA-LWH3000 Datasheet
228Kb / 7P
   High Brightness LED Lamp
LOU5020 LUXPIA-LOU5020 Datasheet
142Kb / 7P
   Ultra Brightness LED Lamp
LCH5020 LUXPIA-LCH5020 Datasheet
201Kb / 6P
   High Brightness LED Lamp
logo
AUK corp
SPG3317-H AUK-SPG3317-H Datasheet
190Kb / 4P
   High Brightness LED Lamp
SPG3317-I AUK-SPG3317-I Datasheet
188Kb / 4P
   High Brightness LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com